Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6715MA Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6715MA
Description  Dual Wideband Video Op Amp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6715MA Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6715MA Datasheet HTML 7Page - Texas Instruments LMH6715MA Datasheet HTML 8Page - Texas Instruments LMH6715MA Datasheet HTML 9Page - Texas Instruments LMH6715MA Datasheet HTML 10Page - Texas Instruments LMH6715MA Datasheet HTML 11Page - Texas Instruments LMH6715MA Datasheet HTML 12Page - Texas Instruments LMH6715MA Datasheet HTML 13Page - Texas Instruments LMH6715MA Datasheet HTML 14Page - Texas Instruments LMH6715MA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LMH6715
www.ti.com
SNOSA10C – MAY 2002 – REVISED APRIL 2013
RF vs. Inverting Gain
Figure 31.
When using the LMH6715 as a replacement for the CLC412, identical bandwidth can be obtained by using an
appropriate value of RF . The chart “Frequency Response vs. RF” (see Figure 29) shows that an RF of
approximately 700
Ω will provide bandwidth very close to that of the CLC412. At other gains a similar increase in
RF can be used to match the new and old parts.
CIRCUIT LAYOUT
With all high frequency devices, board layouts with stray capacitances have a strong influence over AC
performance. The LMH6715 is no exception and its input and output pins are particularly sensitive to the coupling
of parasitic capacitances (to AC ground) arising from traces or pads placed too closely (<0.1”) to power or
ground planes. In some cases, due to the frequency response peaking caused by these parasitics, a small
adjustment of the feedback resistor value will serve to compensate the frequency response. Also, it is very
important to keep the parasitic capacitance across the feedback resistor to an absolute minimum.
The performance plots in the data sheet can be reproduced using the evaluation boards available from Texas
Instruments. The LMH730036 board uses all SMT parts for the evaluation of the LMH6715. The board can serve
as an example layout for the final production printed circuit board.
Care must also be taken with the LMH6715's layout in order to achieve the best circuit performance, particularly
channel-to-channel isolation. The decoupling capacitors (both tantalum and ceramic) must be chosen with good
high frequency characteristics to decouple the power supplies and the physical placement of the LMH6715's
external components is critical. Grouping each amplifier's external components with their own ground connection
and separating them from the external components of the opposing channel with the maximum possible distance
is recommended. The input (RIN) and gain setting resistors (RF) are the most critical. It is also recommended that
the ceramic decoupling capacitor (0.1
μF chip or radial-leaded with low ESR) should be placed as closely to the
power pins as possible.
POWER DISSIPATION
Follow these steps to determine the Maximum power dissipation for the LMH6715:
1. Calculate the quiescent (no-load) power: PAMP = ICC (VCC - VEE)
2. Calculate the RMS power at the output stage: PO = (VCC -VLOAD)(ILOAD), where VLOAD and ILOAD are the voltage
and current across the external load.
3. Calculate the total RMS power: Pt = PAMP + PO
The maximum power that the LMH6715, package can dissipate at a given temperature can be derived with the
following equation:
Pmax = (150º - Tamb)/
θJA, where Tamb = Ambient temperature (°C) and θJA = Thermal resistance, from junction to
ambient, for a given package (°C/W). For the SOIC package
θJA is 145°C/W.
(1)
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6715


Similar Part No. - LMH6715MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6715MA NSC-LMH6715MA Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715MA TI1-LMH6715MA Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715MA/NOPB TI1-LMH6715MA/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715MAX NSC-LMH6715MAX Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715MAX/NOPB TI1-LMH6715MAX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
More results

Similar Description - LMH6715MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com