Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET2804TLPY Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ONET2804TLPY
Description  Low-Power, 28-Gbps, 4-Channel Limiting TIA
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET2804TLPY Datasheet(HTML) 3 Page - Texas Instruments

  ONET2804TLPY Datasheet HTML 1Page - Texas Instruments ONET2804TLPY Datasheet HTML 2Page - Texas Instruments ONET2804TLPY Datasheet HTML 3Page - Texas Instruments ONET2804TLPY Datasheet HTML 4Page - Texas Instruments ONET2804TLPY Datasheet HTML 5Page - Texas Instruments ONET2804TLPY Datasheet HTML 6Page - Texas Instruments ONET2804TLPY Datasheet HTML 7Page - Texas Instruments ONET2804TLPY Datasheet HTML 8Page - Texas Instruments ONET2804TLPY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
RSSI1
RSSI2
GAIN
RATE
AMPL
I2CENA
VCCI1
VCCI2
VCCO2
VCCO1
SCL
SDA
RSSI3
RSSI4
TRSH
VCC14
VCCI3
VCCO3
VCCO4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
31
32
33
34
35
37
38
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
39
40
30
36
NC
3
ONET2804TLP
www.ti.com
SBAS796 – JULY 2017
Product Folder Links: ONET2804TLP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
ONET2804TLP Bond Pad Assignment: Y Package
76-Pad Die
Top View
Bond Pad Functions
PAD
I/O
DESCRIPTION
NAME
NO.
ADR0
54
Digital input
2-wire interface address programming pin. Leave this pad open for a default address of 0001100.
Grounding this pad changes the first address bit to a 1 (0001101).
ADR1
53
Digital input
2-wire interface address programming pin. Leave this pad open for a default address of 0001100.
Grounding this pad changes the second address bit to a 1 (0001110).
AMPL
6
Digital input
3-state input for amplitude control of all four channels.
VCC: 500-mVPP differential output swing
Open: 300-mVPP differential output swing (default)
GND: 250-mVPP differential output swing
FILTER1
12, 14
Analog
output
FILTERx is the bias voltage for the photodiode cathode.
These pads are biased to VCC – 100 mV.
FILTER2
19, 21
FILTER3
26, 28
FILTER4
33, 35
GAIN
8
Digital input
3-state input for gain control of all four channels.
VCC: Minimum transimpedance
Open: Default transimpedance
GND: Medium transimpedance
GND
11, 15, 18,
22, 25, 29,
32, 36, 47,
48, 51, 52,
55, 56, 59,
60, 63, 64,
67, 68, 71,
72, 75, 76
Supply
Circuit ground. All GND pads are connected on the die.
Bonding all pads is recommended, except for pads 11, 15, 18, 22, 25, 29, 32, and 36.


Similar Part No. - ONET2804TLPY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2804T TI1-ONET2804T Datasheet
518Kb / 6P
[Old version datasheet]   28 Gbps 4-Channel Limiting TIA
ONET2804TY TI1-ONET2804TY Datasheet
518Kb / 6P
[Old version datasheet]   28 Gbps 4-Channel Limiting TIA
More results

Similar Description - ONET2804TLPY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2804T TI1-ONET2804T Datasheet
518Kb / 6P
[Old version datasheet]   28 Gbps 4-Channel Limiting TIA
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
logo
Integrated Device Techn...
HXT8204 IDT-HXT8204 Datasheet
253Kb / 2P
   4 Channel 28 Gbps VCSEL Driver
logo
Texas Instruments
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
logo
Analog Devices
ADN2820 AD-ADN2820 Datasheet
786Kb / 12P
   10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter
REV. 0
logo
Renesas Technology Corp
NR4211TH RENESAS-NR4211TH Datasheet
772Kb / 8P
   RECEIVER (Limiting TIA, with DCA function)
Sep 13, 2012
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com