Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR23630APDRRT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23630APDRRT
Description  SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630APDRRT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMR23630APDRRT Datasheet HTML 3Page - Texas Instruments LMR23630APDRRT Datasheet HTML 4Page - Texas Instruments LMR23630APDRRT Datasheet HTML 5Page - Texas Instruments LMR23630APDRRT Datasheet HTML 6Page - Texas Instruments LMR23630APDRRT Datasheet HTML 7Page - Texas Instruments LMR23630APDRRT Datasheet HTML 8Page - Texas Instruments LMR23630APDRRT Datasheet HTML 9Page - Texas Instruments LMR23630APDRRT Datasheet HTML 10Page - Texas Instruments LMR23630APDRRT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
LMR23630
www.ti.com
SNVSAH2C – DECEMBER 2015 – REVISED JUNE 2017
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless otherwise stated.
Minimum and maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25 °C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD (PGOOD PIN)
VPG_OV
Power-good flag overvoltage
tripping threshold
% of reference voltage
104%
107%
110%
VPG_UV
Power-good flag undervoltage
tripping threshold
% of reference voltage
92%
94%
96.5%
VPG_HYS
Power-good flag recovery
hysteresis
% of reference voltage
1.5%
VIN_PG_MIN
Minimum VIN for valid PGOOD
output
50 μA pullup to PGOOD pin, VEN = 0 V, TJ
= 25°C
1.5
V
VPG_LOW
PGOOD low level output voltage
50 μA pullup to PGOOD pin, VIN = 1.5 V,
VEN = 0 V
0.4
V
0.5 mA pullup to PGOOD pin, VIN = 13.5 V,
VEN = 0 V
0.4
V
INTERNAL LDO (VCC PIN)
VCC
Internal LDO output voltage
4.1
V
VCC_UVLO
VCC undervoltage lockout
thresholds
Rising threshold
2.8
3.2
3.6
V
Falling threshold
2.4
2.8
3.2
CURRENT LIMIT
IHS_LIMIT
Peak inductor current limit
HSOIC package
3.8
5
6.2
A
WSON package
4
5.5
6.6
ILS_LIMIT
Valley inductor current limit
HSOIC package
2.9
3.6
4.6
A
WSON package
2.9
3.6
4.2
IL_ZC
Zero cross current limit
HSOIC and WSON package
–0.04
A
IL_NEG
Negative current limit (FPWM
option)
SOIC and WSON package
–2.7
–2
–1.3
A
INTEGRATED MOSFETS
RDS_ON_HS
High-side MOSFET ON-resistance
SOIC package, VIN = 12 V, IOUT = 1 A
185
m
WSON package, VIN = 12 V, IOUT = 1 A
160
RDS_ON_LS
Low-side MOSFET ON-resistance
SOIC package, VIN = 12 V, IOUT = 1 A
105
m
WSON package, VIN = 12 V, IOUT = 1 A
95
THERMAL SHUTDOWN
TSHDN
Thermal shutdown threshold
162
170
178
°C
THYS
Hysteresis
15
°C


Similar Part No. - LMR23630APDRRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630APDRRT TI1-LMR23630APDRRT Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Similar Description - LMR23630APDRRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com