Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK62A2-150M00SIAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMK62A2-150M00SIAT
Description  High-Performance Low Jitter Oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK62A2-150M00SIAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK62A2-150M00SIAT Datasheet HTML 3Page - Texas Instruments LMK62A2-150M00SIAT Datasheet HTML 4Page - Texas Instruments LMK62A2-150M00SIAT Datasheet HTML 5Page - Texas Instruments LMK62A2-150M00SIAT Datasheet HTML 6Page - Texas Instruments LMK62A2-150M00SIAT Datasheet HTML 7Page - Texas Instruments LMK62A2-150M00SIAT Datasheet HTML 8Page - Texas Instruments LMK62A2-150M00SIAT Datasheet HTML 9Page - Texas Instruments LMK62A2-150M00SIAT Datasheet HTML 10Page - Texas Instruments LMK62A2-150M00SIAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LMK62XX
LVPECL
150
150
Balun/
Buffer
Phase Noise/
Spectrum
Analyzer
Copyright © 2017, Texas Instruments Incorporated
LMK62XX
HCSL
50
50
Oscilloscope
High impedance differential probe
Copyright © 2017, Texas Instruments Incorporated
LMK62XX
LVDS
Oscilloscope
High impedance differential probe
Copyright © 2017, Texas Instruments Incorporated
LMK62XX
LVPECL
150
150
Oscilloscope
High impedance differential probe
Copyright © 2017, Texas Instruments Incorporated
7
LMK62E2-156M, LMK62E0-156M, LMK62A2-100M, LMK62A2-150M
LMK62A2-156M, LMK62A2-200M, LMK62A2-266M
www.ti.com
SNAS691B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LMK62E2-156M LMK62E0-156M LMK62A2-100M LMK62A2-150M LMK62A2-156M LMK62A2-
200M LMK62A2-266M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Also compatible with 85 Ω termination
7 Parameter Measurement Information
7.1 Device Output Configurations
Figure 1. LVPECL Output DC Configuration During Device Test
Figure 2. LVDS Output DC Configuration During Device Test
Figure 3. HCSL Output DC Configuration During Device Test (1)
Figure 4. LVPECL Output AC Configuration During Device Test


Similar Part No. - LMK62A2-150M00SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK62A2-150M00SIAT TI1-LMK62A2-150M00SIAT Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results

Similar Description - LMK62A2-150M00SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com