Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POPA1692IDGK Datasheet(PDF) 10 Page - Texas Instruments

Part # POPA1692IDGK
Description  Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

POPA1692IDGK Datasheet(HTML) 10 Page - Texas Instruments

Back Button POPA1692IDGK Datasheet HTML 6Page - Texas Instruments POPA1692IDGK Datasheet HTML 7Page - Texas Instruments POPA1692IDGK Datasheet HTML 8Page - Texas Instruments POPA1692IDGK Datasheet HTML 9Page - Texas Instruments POPA1692IDGK Datasheet HTML 10Page - Texas Instruments POPA1692IDGK Datasheet HTML 11Page - Texas Instruments POPA1692IDGK Datasheet HTML 12Page - Texas Instruments POPA1692IDGK Datasheet HTML 13Page - Texas Instruments POPA1692IDGK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Power-Supply
ESD Cell
250
Ÿ
250
Ÿ
IN
±
IN+
R1
RS
RF
TVS
RL
VIN
±VS
ID
+
±
TVS
+VS
+
Copyright © 2016, Texas Instruments Incorporated
10
OPA1692, OPA1694
SBOS566 – JUNE 2017
www.ti.com
Product Folder Links: OPA1692 OPA1694
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
The OPA169x family of amplifiers uses a propriety technology to reduce signal distortion that does not increase
the power-supply current. The distortion cancellation technique reduces odd-order harmonic distortion, which is
produced by the input transistor pair of the amplifier. As Figure 8 illustrates, the impact to THD+N is significant,
especially at high frequencies where the OPA169x devices exhibit over 30-dB lower distortion than competitor
amplifiers at similar power-supply current levels.
7.3.2 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but can involve the supply voltage pins or even the output
pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect them from
accidental ESD events both before and during product assembly.
A good understanding of this basic ESD circuitry and its relevance to an electrical overstress event is helpful.
Figure 9 illustrates the ESD circuits contained in the OPA169x (indicated by the dashed line area). The ESD
protection circuitry involves several current-steering diodes connected from the input and output pins and routed
back to the internal power-supply lines, where the diodes meet at an absorption device internal to the operational
amplifier. This protection circuitry is intended to remain inactive during normal circuit operation.
Figure 9. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
An ESD event produces a short-duration, high-voltage pulse that is transformed into a short-duration, high-
current pulse when discharging through a semiconductor device. The ESD protection circuits are designed to
provide a current path around the operational amplifier core to prevent damage. The energy absorbed by the
protection circuitry is then dissipated as heat.


Similar Part No. - POPA1692IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
POPA1633DR TI1-POPA1633DR Datasheet
1Mb / 26P
[Old version datasheet]   OPA1633 High-Performance, Fully-Differential Audio Operational Amplifier
FEBRUARY 2023
POPA1656IDR TI1-POPA1656IDR Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
More results

Similar Description - POPA1692IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1677 TI-OPA1677 Datasheet
3Mb / 52P
[Old version datasheet]   OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
OPA1677 TI-OPA1677_V01 Datasheet
2Mb / 51P
[Old version datasheet]   OPA167x Low-Distortion Audio Operational Amplifiers
REVISED DECEMBER 2022
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com