Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS5551T Datasheet(PDF) 8 Page - International Rectifier

Part # IPS5551T
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS5551T Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS5551T Datasheet HTML 2Page - International Rectifier IPS5551T Datasheet HTML 3Page - International Rectifier IPS5551T Datasheet HTML 4Page - International Rectifier IPS5551T Datasheet HTML 5Page - International Rectifier IPS5551T Datasheet HTML 6Page - International Rectifier IPS5551T Datasheet HTML 7Page - International Rectifier IPS5551T Datasheet HTML 8Page - International Rectifier IPS5551T Datasheet HTML 9Page - International Rectifier IPS5551T Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IPS5551T
8
www.irf.com
Figure 13 - Isd (A) Vs Tj (
oC)
Figure 14 - Transient thermal impedance (oC/W)
Vs Time (s)
1.00E- 03
1.00E- 02
1.00E- 01
1.00E+00
1.00E+01
1.00E+02
1E-05 1E-04 0.001
0.01
0.1
1
10
100
1000
Infinite heatsink
1inch²
PCB
Free air
Figure 15 - Icc (mA) Vs Vcc-Vin (V)
0.1
1
10
100
0
5
10
15
20
25
30
35
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
150
Figure 16 - Iin (mA) Vs Tj (
oC)
0
20
40
60
80
100
120
-50
0
50
100
150


Similar Part No. - IPS5551T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPS50R520CP INFINEON-IPS50R520CP Datasheet
611Kb / 10P
   CoolMOS Power Transistor
2008-04-15 revision:2.1
logo
International Rectifier
IPS511 IRF-IPS511 Datasheet
191Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511G IRF-IPS511G Datasheet
182Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511GTR IRF-IPS511GTR Datasheet
183Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511S IRF-IPS511S Datasheet
191Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
More results

Similar Description - IPS5551T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS5751 IRF-IPS5751 Datasheet
227Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS54511 IRF-IPS54511 Datasheet
194Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521PBF IRF-IPS521PBF Datasheet
198Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511GTR IRF-IPS511GTR Datasheet
183Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5451 IRF-IPS5451 Datasheet
196Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511 IRF-IPS511 Datasheet
191Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511G IRF-IPS511G Datasheet
182Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521G IRF-IPS521G Datasheet
137Kb / 9P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521 IRF-IPS521 Datasheet
188Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com