Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK62E2-156M25SIAR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMK62E2-156M25SIAR
Description  High-Performance Low Jitter Oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK62E2-156M25SIAR Datasheet(HTML) 3 Page - Texas Instruments

  LMK62E2-156M25SIAR Datasheet HTML 1Page - Texas Instruments LMK62E2-156M25SIAR Datasheet HTML 2Page - Texas Instruments LMK62E2-156M25SIAR Datasheet HTML 3Page - Texas Instruments LMK62E2-156M25SIAR Datasheet HTML 4Page - Texas Instruments LMK62E2-156M25SIAR Datasheet HTML 5Page - Texas Instruments LMK62E2-156M25SIAR Datasheet HTML 6Page - Texas Instruments LMK62E2-156M25SIAR Datasheet HTML 7Page - Texas Instruments LMK62E2-156M25SIAR Datasheet HTML 8Page - Texas Instruments LMK62E2-156M25SIAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NC
OE
GND
1
2
3
4
5
6
OUTN
VDD
OUTP
3
LMK62E2-156M, LMK62E0-156M, LMK62A2-100M, LMK62A2-150M
LMK62A2-156M, LMK62A2-200M, LMK62A2-266M
www.ti.com
SNAS691B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LMK62E2-156M LMK62E0-156M LMK62A2-100M LMK62A2-150M LMK62A2-156M LMK62A2-
200M LMK62A2-266M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
SIA Package
6-pin QFM
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
POWER
GND
3
Ground
Device ground
VDD
6
Analog
3.3-V power supply
OUTPUT BLOCK
OUTP,
OUTN
4, 5
Universal
Differential output pair (LVPECL, LVDS or HCSL).
DIGITAL CONTROL / INTERFACES
NC
2
N/A
No connect
OE
1
LVCMOS
Output enable (internal pullup). When set to low, output pair is disabled and set at high
impedance.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Device supply voltage
–0.3
3.6
V
VIN
Output voltage for logic inputs
–0.3
VDD + 0.3
V
VOUT
Output voltage for clock outputs
–0.3
VDD + 0.3
V
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–40
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500


Similar Part No. - LMK62E2-156M25SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK62E2-156M25SIAR TI1-LMK62E2-156M25SIAR Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK62E2-156M25SIAR TI1-LMK62E2-156M25SIAR Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results

Similar Description - LMK62E2-156M25SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com