Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4196IDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4196IDR
Description  36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4196IDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4196IDR Datasheet HTML 3Page - Texas Instruments OPA4196IDR Datasheet HTML 4Page - Texas Instruments OPA4196IDR Datasheet HTML 5Page - Texas Instruments OPA4196IDR Datasheet HTML 6Page - Texas Instruments OPA4196IDR Datasheet HTML 7Page - Texas Instruments OPA4196IDR Datasheet HTML 8Page - Texas Instruments OPA4196IDR Datasheet HTML 9Page - Texas Instruments OPA4196IDR Datasheet HTML 10Page - Texas Instruments OPA4196IDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
OPA196, OPA2196, OPA4196
www.ti.com
SBOS869 – JULY 2017
Product Folder Links: OPA196 OPA2196 OPA4196
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Electrical Characteristics: VS = ±4 V to ±18 V (VS = 8 V to 36 V)
at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = ±18 V
±25
±100
µV
(V+) – 3.0 V < VCM < (V+) – 1.5 V
See Common-Mode Voltage Range
VS = ±18 V,
VCM = (V+) – 1.5 V
±25
±100
dVOS/dT
Input offset voltage drift
VS = ±18 V, VCM = (V+) – 3 V
TA = –40°C to +125°C
±0.5
µV/°C
VS = ±18 V, VCM = (V+) – 1.5 V
±0.8
PSRR
Power-supply rejection
ratio
TA = –40°C to +125°C
±0.3
±1
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±5
±20
pA
IOS
Input offset current
±2
±20
pA
NOISE
En
Input voltage noise
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 0.1 Hz to 10 Hz
1.4
µVPP
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 0.1 Hz to 10 Hz
7
en
Input voltage noise
density
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 100 Hz
18
nV/
√Hz
f = 1 kHz
15
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 100 Hz
53
f = 1 kHz
24
in
Input current noise
density
f = 1 kHz
1.5
fA/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode
rejection ratio
VS = ±18 V,
(V–) – 0.1 V < VCM < (V+) – 3 V
120
140
dB
VS = ±18 V,
(V–) < VCM < (V+) – 3 V
TA = –40°C to +125°C
114
126
VS = ±18 V,
(V+) – 1.5 V < VCM < (V+)
96
120
TA = –40°C to +125°C
86
100
(V+) – 3 V < VCM < (V+) – 1.5 V
See Typical Characteristics
INPUT IMPEDANCE
ZID
Differential
100 || 1.6
MΩ || pF
ZIC
Common-mode
1 || 6.4
1013Ω ||
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = ±18 V,
(V–) + 0.6 V < VO < (V+) – 0.6 V,
RL = 2 kΩ
124
134
dB
TA = –40°C to +125°C
114
126
VS = ±18 V,
(V–) + 0.3 V < VO < (V+) – 0.3 V,
RL = 10 kΩ
126
140
TA = –40°C to +125°C
120
134


Similar Part No. - OPA4196IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4191 TI1-OPA4191 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
OPA4191 TI1-OPA4191 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA4191 TI1-OPA4191 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA4191 TI1-OPA4191 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA4191 TI1-OPA4191 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
More results

Similar Description - OPA4196IDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
   Low-power, rail-to-rail output, 36 V operational amplifier
August 2015 Rev 1
logo
Texas Instruments
OPA197 TI1-OPA197_16 Datasheet
1Mb / 39P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage Operational Amplifiers
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
   Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
   Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
Rev 3 - December 2022
logo
ON Semiconductor
NCS20231 ONSEMI-NCS20231 Datasheet
763Kb / 24P
   Operational Amplifier, 36 V, 3 MHz, 0.95 mV Input Offset Voltage, Rail-to-Rail
April, 2022 - Rev. 2
NCS20091 ONSEMI-NCS20091 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20061 ONSEMI-NCS20061 Datasheet
775Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com