Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7103318-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV7103318-Q1
Description  Dual, 200-mA, Low-IQ Low-Dropout Regulator for Portable Devices
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7103318-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV7103318-Q1_17 Datasheet HTML 7Page - Texas Instruments TLV7103318-Q1_17 Datasheet HTML 8Page - Texas Instruments TLV7103318-Q1_17 Datasheet HTML 9Page - Texas Instruments TLV7103318-Q1_17 Datasheet HTML 10Page - Texas Instruments TLV7103318-Q1_17 Datasheet HTML 11Page - Texas Instruments TLV7103318-Q1_17 Datasheet HTML 12Page - Texas Instruments TLV7103318-Q1_17 Datasheet HTML 13Page - Texas Instruments TLV7103318-Q1_17 Datasheet HTML 14Page - Texas Instruments TLV7103318-Q1_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
4.0
3.5
3.0
2.5
2.0
1.5
1.0
5
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
(V)
IN
5.5
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
4.0
3.5
3.0
2.5
2.0
1.5
1.0
5
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
(V)
IN
5.5
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
350
300
250
200
150
100
50
0
0
20
40
60
80
100
120
140
160
180
200
+125 C
°
+85 C
°
+25 C
°
-40°C
V
=3.3V
IN
I
(mA)
OUT
350
300
250
200
150
100
50
0
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=3.8V
IN
50
45
40
35
30
25
20
15
10
5
0
3.6
4.0
4.4
4.8
5.2
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
50
45
40
35
30
25
20
15
10
5
0
3.6
4.0
4.4
4.8
5.2
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
TLV7103318-Q1
TLV7101828-Q1
www.ti.com
SBVS202A – MARCH 2013 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range of TA = –40°C to 125°C, VEN1 = VEN2 = VIN, CIN = 1 μF, COUT1 = 1 μF, and COUT2 = 1 μF,
unless otherwise noted. Typical values are at TA = 25°C.
GROUND PIN CURRENT versus INPUT VOLTAGE: IQ1
GROUND PIN CURRENT versus INPUT VOLTAGE: IQ2
(TLV7103333)
(TLV7103333)
Figure 26.
Figure 27.
GROUND PIN CURRENT versus LOAD: IQ1
GROUND PIN CURRENT versus LOAD: IQ2
(TLV7101828)
(TLV7103333)
Figure 28.
Figure 29.
SHUTDOWN CURRENT versus INPUT VOLTAGE
SHUTDOWN CURRENT versus INPUT VOLTAGE
(TLV7101828)
(TLV7103333)
Figure 30.
Figure 31.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV7103318-Q1 TLV7101828-Q1


Similar Part No. - TLV7103318-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7103318-Q1 TI1-TLV7103318-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200-mA, Low-I Low-Dropout Regulator for Portable Devices
TLV7103318-Q1 TI1-TLV7103318-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
More results

Similar Description - TLV7103318-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com