Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70925DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70925DBVT
Description  150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70925DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS70925DBVT Datasheet HTML 1Page - Texas Instruments TPS70925DBVT Datasheet HTML 2Page - Texas Instruments TPS70925DBVT Datasheet HTML 3Page - Texas Instruments TPS70925DBVT Datasheet HTML 4Page - Texas Instruments TPS70925DBVT Datasheet HTML 5Page - Texas Instruments TPS70925DBVT Datasheet HTML 6Page - Texas Instruments TPS70925DBVT Datasheet HTML 7Page - Texas Instruments TPS70925DBVT Datasheet HTML 8Page - Texas Instruments TPS70925DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
0.5
0.8
1
1.2
1.5
1.8
2
0
5
10
15
20
25
30
35
Input Voltage (V)
TA = −40°C
TA = +25°C
TA = +85°C
TPS70912
G014
TPS709xx
EN
IN
OUT
V
IN
V
OUT
1
F
m
2.2
F
m
GND
NC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS709
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
TPS709 150-mA, 30-V, 1-µA IQ Voltage Regulators with Enable
1 Features
3 Description
The TPS709 series of linear regulators are ultralow,
1
Ultralow IQ: 1 μA
quiescent
current
devices
designed
for
power-
Reverse Current Protection
sensitive applications. A precision band-gap and error
Low ISHUTDOWN: 150 nA
amplifier provides 2% accuracy over temperature.
Quiescent current of only 1 µA makes these devices
Input Voltage Range: 2.7 V to 30 V
ideal
solutions
for
battery-powered,
always-on
Supports 200-mA Peak Output
systems that require very little idle-state power
2% Accuracy Over Temperature
dissipation. These devices have thermal-shutdown,
current-limit,
and
reverse-current
protections
for
Available in Fixed-Output Voltages:
added safety.
1.2 V to 6.5 V
Thermal Shutdown and Overcurrent Protection
Shutdown mode is enabled by pulling the EN pin low.
The shutdown current in this mode goes down to 150
Packages: SOT-23-5, WSON-6
nA, typical.
2 Applications
The TPS709 series is available in WSON-6 and
SOT-23-5 packages.
Zigbee™ Networks
Home Automation
Device Information(1)
Metering
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Weighing Scales
SOT-23 (5)
2.90 mm × 1.60 mm
TPS709
Portable Power Tools
WSON (6)
2.00 mm × 2.00 mm
Remote Control Devices
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Wireless Handsets, Smart Phones, PDAs, WLAN,
and Other PC Add-On Cards
White Goods
Typical Application Circuit
GND Current vs VIN and Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS70925DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70925DBVT TI1-TPS70925DBVT Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS70925DBVT TI1-TPS70925DBVT Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS70925DBVT TI1-TPS70925DBVT Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70925DBVT TI1-TPS70925DBVT Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70925DBVT TI-TPS70925DBVT Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70925DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com