Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE6.8A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P6KE6.8A
Description  Transient Voltage Suppressors Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P6KE6.8A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P6KE6.8A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P6KE6.8A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P6KE6.8A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P6KE6.8A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P6KE6.8A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• Halogen-free
• Rohs compliant
• Typical maximum temperature coefficient
ΔVBR = 0.1% x VBR@25°C x ΔT
• Glass passivated Chip junction in DO-15 package
• 600W peak pulse capadility at 10×1000μs waveform,
repetition rate (duty cycles):0.01%
• Fast response time:typically less than 1.0ps from 0 Volts to BV min
• Excellent clamping capability
• Low incremental surge resistance
• Typical IR less than 1μA above 11V
• High temperature soldering guaranteed: 260°C/40 seconds / 0.375”,
(9.5mm) lead length, 5lbs., (2.3kg) tension
• Plastic package has underwriters laboratory flammability classification
94v-0
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation by 10x1000μs test
waveform (Fig.1)(Note 1)
P
PPM
600
Watts
Steady State Power Dissipation on
inifinite heat sink at TL=75ºC (Fig. 5)
PD
5
Watts
Peak Forward Surge Current, 8.3ms Single Half
Sine Wave Unidirectional only (Note 2)
IFSM
100
Amps
Maximum Instantaneous Forward Voltage at 25A for
Unidirectional only (Note 3)
V
F
3.5/5.0
V
Operating junction and Storage Temperature Range.
TJ,TSTG
-55 to 175
°C
Typical Thermal Resistance Junction to Lead
RuJL
20
°C/W
Typical Thermal Resistance Junction
to Ambient
RuJA
75
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum.
3. VF<3.5V for devices of VBR < 200V and VF<5.0V for devices of VBR > 201V.
The P6KE Series is designed specifically to protect sensitive electronic
equipment from voltage transients induced by lightning and other
transient voltage events.
Description
Features
Devices For Bipolar Application
1
Transient Voltage Suppressors Diodes
Axial Leaded - 600W > P6KE6.8~600CA Series
TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in
telecom,computer, industrial and consumer electronic applications.
Maximum Ratings And Characteristics(TA=25°C unless otherwise noted)


Similar Part No. - P6KE6.8A

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
P6KE6.8A UNSEMI-P6KE6.8A Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Motorola, Inc
P6KE6.8A MOTOROLA-P6KE6.8A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE6.8A VISHAY-P6KE6.8A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
SeCoS Halbleitertechnol...
P6KE6.8A SECOS-P6KE6.8A Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
Microdiode Electronics ...
P6KE6.8A CHENDA-P6KE6.8A Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
More results

Similar Description - P6KE6.8A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
5KP5.0A LEIDITECH-5KP5.0A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SA5.0 LEIDITECH-SA5.0 Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
SMDJ200A LEIDITECH-SMDJ200A Datasheet
793Kb / 5P
   Transient Voltage Suppressors Diodes
5KP200A LEIDITECH-5KP200A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SMBJ5.0A LEIDITECH-SMBJ5.0A Datasheet
888Kb / 5P
   Transient Voltage Suppressors Diodes
5KP210A LEIDITECH-5KP210A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SMDJ5.0A LEIDITECH-SMDJ5.0A Datasheet
793Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Shanghai Shunye Electro...
ESD5Z5V0C SY-ESD5Z5V0C Datasheet
298Kb / 2P
   Transient Voltage Suppressors ESD Protection Diodes
logo
HY ELECTRONIC CORP.
ARZ3524 HY-ARZ3524_17 Datasheet
140Kb / 3P
   AUTOMOBILE BUTTON DIODES TRANSIENT VOLTAGE SUPPRESSORS
ARZ5024 HY-ARZ5024_17 Datasheet
139Kb / 3P
   AUTOMOBILE BUTTON DIODES TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com