Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27212AQDDARQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27212AQDDARQ1
Description  Automotive 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27212AQDDARQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27212AQDDARQ1 Datasheet HTML 4Page - Texas Instruments UCC27212AQDDARQ1 Datasheet HTML 5Page - Texas Instruments UCC27212AQDDARQ1 Datasheet HTML 6Page - Texas Instruments UCC27212AQDDARQ1 Datasheet HTML 7Page - Texas Instruments UCC27212AQDDARQ1 Datasheet HTML 8Page - Texas Instruments UCC27212AQDDARQ1 Datasheet HTML 9Page - Texas Instruments UCC27212AQDDARQ1 Datasheet HTML 10Page - Texas Instruments UCC27212AQDDARQ1 Datasheet HTML 11Page - Texas Instruments UCC27212AQDDARQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
UCC27212A-Q1
SLUSCZ8 – JULY 2017
www.ti.com
Product Folder Links: UCC27212A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range, VHS = VSS = 0 V, no load on LO or HO, TA = TJ = –40°C to +140°C, (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Ensured by design.
VLIT
Input voltage threshold
1.1
1.5
2.1
V
VIHYS
Input voltage hysteresis
500
mV
RIN
Input pulldown resistance
68
UNDER-VOLTAGE LOCKOUT (UVLO), VDD = VHB = 12 V
VDDR
VDD turnon threshold
4.9
5.7
6.4
V
VDDHYS
Hysteresis
0.4
V
VHBR
VHB turnon threshold
4.35
5.3
6.3
V
VHBHYS
Hysteresis
0.3
V
BOOTSTRAP DIODE, VDD = VHB = 12 V
VF
Low-current forward voltage
IVDD-HB = 100 µA
0.65
0.8
V
VFI
High-current forward voltage
IVDD-HB = 100 mA
0.85
0.95
V
RD
Dynamic resistance, ΔVF/ΔI
IVDD-HB = 100 mA and 80 mA
0.3
0.5
0.85
Ω
BOOTSTRAP DIODE, VDD = VHB = 6.8 V
VF
Low-current forward voltage
IVDD-HB = 100 µA
0.65
0.8
V
VFI
High-current forward voltage
IVDD-HB = 100 mA
0.85
0.95
V
RD
Dynamic resistance, ΔVF/ΔI
IVDD-HB = 100 mA and 80 mA
0.3
0.5
0.85
Ω
LO GATE DRIVER, VDD = VHB = 12 V
VLOL
Low-level output voltage
0.05
0.1
0.19
V
VLOH
High level output voltage
0.1
0.16
0.29
V
Peak pullup current(1)
3.7
A
Peak pulldown current (1)
4.5
A
LO GATE DRIVER, VDD = VHB = 6.8 V
VLOL
Low-level output voltage
ILO = 100 mA
0.04
0.13
0.35
V
VLOH
High level output voltage
ILO = –100 mA, VLOH = VDD – VLO
0.12
0.23
0.42
V
Peak pullup current
VLO = 0 V
1.3
A
Peak pulldown current
VLO = 12 V for VDD = 6.8V
1.7
A
HO GATE DRIVER, VDD = VHB = 12 V
VHOL
Low-level output voltage
0.05
0.1
0.19
V
VHOH
High-level output voltage
0.1
0.16
0.29
V
Peak pullup current (1)
3.7
A
Peak pulldown current (1)
4.5
A
HO GATE DRIVER, VDD = VHB = 6.8 V
VLOL
Low-level output voltage
IHO = 100 mA
0.04
0.13
0.35
V
VLOH
High level output voltage
IHO = –100 mA, VHOH = VHB – VHO
0.12
0.23
0.42
V
Peak pullup current
VHO = 0 V
1.3
A
Peak pulldown current
VHO = 12 V for VDD = 6.8V
1.7
A
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROPAGATION DELAYS, VDD = VHB = 12 V
TDLFF
VLI falling to VLO falling
CLOAD = 0
10
16
30
ns
TDHFF
VHI falling to VHO falling
CLOAD = 0
10
16
30
ns
TDLRR
VLI rising to VLO rising
CLOAD = 0
10
20
42
ns


Similar Part No. - UCC27212AQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27212DPRR TI1-UCC27212DPRR Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27212DPRT TI1-UCC27212DPRT Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
More results

Similar Description - UCC27212AQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27210 TI1-UCC27210_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2721x 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com