Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3065BCT Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR3065BCT
Description  30A Surface Mount High Power Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR3065BCT Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR3065BCT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR3065BCT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR3065BCT Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■ Rating and characteristic curves
Percent of Rated Peak Reverse Voltage ( %)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
O
Lead Temperature ( C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
30.0
25.0
20.0
15.0
10.0
5.0
Fig. 3A - Typical Instantaneous Forward
Characteristics
Fig. 4 - Typical Reverse Characteristics
Instantaneous Forward Voltage (Volts)
resistive or inductive load
0
0.2
0.4
0.6
0.8
1.0
O
T =25 C
J
O
T =75 C
J
O
T =100 C
J
0
20
40
60
80
10 0
12 0
140
1
10
100
T =25°C
J
T =125°C
J
MBR3040
BCT
Fig. 3C - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
100
50
20
10
5
2
1
0
0.2
0.4
0.6
0.8
1.0
T =25°C
J
T =125° C
J
MBR30150
BCT ~ MBR30200BCT
Fig. 3B - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
T =25°C
J
T =125°C
J
MBR3060
BCT ~ MBR30100BCT
240
200
160
120
80
40
0
100
10
1
100
10
1
100
10
1
0.1
0.01
0.001
MBR3040
BCT~MBR30100BCT
MBR30150
BCT~MBR30200BCT
single phase half wave 60Hz
MBR3040
BCT THRU MBR30200BCT
30A Surface Mount High Power Schottky Barrier Rectifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - MBR3065BCT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MBR3065 ISC-MBR3065 Datasheet
103Kb / 1P
   Schottky Barrier Rectifier
logo
Chip Integration Techno...
MBR3065CT CITC-MBR3065CT Datasheet
99Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBR3065CT-J LUGUANG-MBR3065CT-J Datasheet
1Mb / 3P
   30A High Power Schottky Barrier Rectifiers
More results

Similar Description - MBR3065BCT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MBRB3040CT CITC-MBRB3040CT Datasheet
102Kb / 3P
   30A Surface Mount High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGSB3040FCT LUGUANG-LGSB3040FCT Datasheet
2Mb / 2P
   30A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SBF3040CT CITC-SBF3040CT Datasheet
98Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGSB3040CT LUGUANG-LGSB3040CT Datasheet
1Mb / 2P
   30A High Power Schottky Barrier Rectifiers
LGMBR30100CT-J LUGUANG-LGMBR30100CT-J Datasheet
1Mb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBR3040CT CITC-MBR3040CT Datasheet
99Kb / 3P
   30A High Power Schottky Barrier Rectifiers
SB3040CT CITC-SB3040CT Datasheet
97Kb / 3P
   30A High Power Schottky Barrier Rectifiers
MBRF3040CT CITC-MBRF3040CT Datasheet
100Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBG3030CT DIODES-SBG3030CT Datasheet
47Kb / 2P
   30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. C-2
SBG3030CT DIODES-SBG3030CT_15 Datasheet
82Kb / 5P
   30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com