Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2045CT Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR2045CT
Description  20A Surface Mount High Power Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR2045CT Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR2045CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR2045CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR2045CT Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■ Rating and characteristic curves
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
O
Lead Temperature ( C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
24
20
16
12
8.0
4.0
RESISTIVE OR INDUCTIVE LOAD
single phase half wave 60Hz
resistive or inductive load
1
10
100
Fig. 3.1 - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
50
10
1
0.1
0.01
0.2
0.4
0.6
0.8
1.0
1.2
O
T =25 C
J
O
T =125 C
J
Fig. 3.2 - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
50
10
1.0
0.5
O
T =25 C
J
O
T =125 C
J
MBR2040
BCT
MBR2060
BCT
MBR20100
BCT
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4 - Typical Reverse Characteristics
0
10
20
30
40
50
60
70
80
90
100
O
T =25 C
J
O
T =75 C
J
O
T =125 C
J
O
T =150 C
J
Fig. 3.3 - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
100
10
1
0
0.2
0.4
0.6
0.8
1.0
1.2
O
T =25 C
J
O
T =125 C
J
150
125
100
75
50
25
0
100
10
1
0.1
0.01
0.001
0.0001
MBR20150
BCT
MBR20200
BCT
MBR2040
BCT~MBR20100BCT
MBR20150
BCT~MBR20200BCT
MBR2040
BCT THRU MBR20200BCT
20A Surface Mount High Power Schottky Barrier Rectifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR2045CT KERSEMI-MBR2045CT Datasheet
427Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Motorola, Inc
MBR2045CT MOTOROLA-MBR2045CT Datasheet
135Kb / 6P
   SWITCHMODE?? Power Rectifiers
logo
Microdiode Electronics ...
MBR2045CT CHENDA-MBR2045CT Datasheet
625Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sangdest Microelectroni...
MBR2045CT SMC-MBR2045CT Datasheet
170Kb / 6P
   SCHOTTKY RECTIFIER
logo
Galaxy Semi-Conductor H...
MBR2045CT BILIN-MBR2045CT Datasheet
353Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MBRB2040CT CITC-MBRB2040CT Datasheet
101Kb / 3P
   20A Surface Mount High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR2040FCT LUGUANG-LGMBR2040FCT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
LGSB2040CT LUGUANG-LGSB2040CT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
LGSB2040FCT LUGUANG-LGSB2040FCT Datasheet
2Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SB2040CT CITC-SB2040CT Datasheet
97Kb / 3P
   20A High Power Schottky Barrier Rectifiers
MBR2040CT CITC-MBR2040CT Datasheet
99Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR2040CT-J LUGUANG-LGMBR2040CT-J Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SBF2040CT CITC-SBF2040CT Datasheet
98Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
SB20T80L ZSELEC-SB20T80L Datasheet
332Kb / 3P
   20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR2045L ZSELEC-SR2045L Datasheet
263Kb / 3P
   20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com