Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3040FCT Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SB3040FCT
Description  30A High Power Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SB3040FCT Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SB3040FCT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SB3040FCT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Suffix "
H" indicates Halogen-free part, ex.SB3040FCTH.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
SB3040
FCT THRU SB3065FCT
30A High Power Schottky Barrier Rectifiers
I
O
I
F S M
I
R
C
J
T
S T G
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 100 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
250
20
0.5
30
200
A
A
mA
O C/W
O C
55
R
θ J A
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Operating temperature
O
T ( C)
J
-55 ~ +150
Max.
forward voltage
O
@15A, T = 25 C
A
V (V)
F
0.70
0.55
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
31.5
42
45.5
28
Max.
repetitive peak
reverse voltage
V
(V)
R R M
45
60
65
40
Marking code
SB3045
FCT
SB3060
FCT
SB3065
FCT
SB3040
FCT
Symbol
SB3045
FCT
SB3060
FCT
SB3065
FCT
SB3040
FCT
45
60
65
40
Dimensions in inches and (millimeters)
ITO-220AB
Marking code
PIN 1
PIN 3
PIN 2
0.408(10.36)
0.382(9.70)
0.138(3.50)
MAX
0.634(16.1)
0.580(14.5)
0.370(9.4)
0.307(7.8)
1
2
3
0.563(14.3)
0.500(12.7)
0.195(4.95)
0.165(4.20)
0.036(0.91)
0.012(0.30)
0.110(2.80)
0.130(3.3)
0.091(2.3)
0.031(0.8)
0.012(0.3)
0.091(2.30)
0.055(1.4)
0.039(1.0)
0.118(3.0)
0.098(2.5)
0.071(1.8)
0.039(1.0)
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC ITO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20170701-P1


Similar Part No. - SB3040FCT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SB3040FCT PACELEADER-SB3040FCT Datasheet
167Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3040FCT PANJIT-SB3040FCT Datasheet
53Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SB3040FCT FRONTIER-SB3040FCT Datasheet
511Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB3040FCT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SBF3040CT CITC-SBF3040CT Datasheet
98Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGSB3040CT LUGUANG-LGSB3040CT Datasheet
1Mb / 2P
   30A High Power Schottky Barrier Rectifiers
LGMBR30100CT-J LUGUANG-LGMBR30100CT-J Datasheet
1Mb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBR3040CT CITC-MBR3040CT Datasheet
99Kb / 3P
   30A High Power Schottky Barrier Rectifiers
SB3040CT CITC-SB3040CT Datasheet
97Kb / 3P
   30A High Power Schottky Barrier Rectifiers
MBRF3040CT CITC-MBRF3040CT Datasheet
100Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D Datasheet
298Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30150CT MORESEMI-MBR30150CT Datasheet
955Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D_15 Datasheet
236Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com