Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-5630WKZ-DT-1-T150-CW Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-DT-1-T150-CW
Description  White colored SMTpackage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-DT-1-T150-CW Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LG-5630WKZ-DT-1-T150-CW Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-CW Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-CW Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-CW Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-CW Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-CW Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-CW Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-CW Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-T150-CW Datasheet HTML 10Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
5/15
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Bin Code Description
3.0-3.2
3.4-3.6
3.2-3.4
Luminous Intensity
(lm)
@IF=150mA
Bin
Code
Max.
Min.
Forward Voltage(V)
@IF=150mA
Color Rank
@IF=150mA
2.8-3.0
2.8-3.0
Bin Code
F45T
Luminous
Intensity
3.0-3.2
WO
Forward
Voltage
CIE
57
F57T
3.6-3.8
51
F51T
48
F48T
51
60
54
VN
WO
WN
VO
54
F54T
57


Similar Part No. - LG-5630WKZ-DT-1-T150-CW

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-T150-WW LIGITEK-LG-5630WKZ-DT-1-T150-WW Datasheet
356Kb / 16P
   0.5W Power Light LED
More results

Similar Description - LG-5630WKZ-DT-1-T150-CW

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-P-WW-D03 LIGITEK-LG-5630WKZ-DT-1-P-WW-D03 Datasheet
365Kb / 16P
   White colored SMTpackage
logo
Seoul Semiconductor
STW8T16C SEOUL-STW8T16C Datasheet
845Kb / 28P
   White colored SMT package
SSC-SAW8WA2A SEOUL-SSC-SAW8WA2A Datasheet
2Mb / 23P
   White colored SMT package.
KWT803 SEOUL-KWT803 Datasheet
2Mb / 17P
   White colored SMT package
SAW8WA2A SEOUL-SAW8WA2A Datasheet
2Mb / 23P
   White colored SMT package
SSC-STW8T16C SEOUL-SSC-STW8T16C Datasheet
845Kb / 28P
   White colored SMT package
logo
OSRAM GmbH
GW-P9LMS1.EM OSRAM-GW-P9LMS1.EM Datasheet
656Kb / 23P
   white SMT package, colored diffused
CUWY3SH.B1-DEGF-4A7V-1 OSRAM-CUWY3SH.B1-DEGF-4A7V-1 Datasheet
786Kb / 25P
   white SMT package, colored diffused
KW-DCLMS1.PC OSRAM-KW-DCLMS1.PC Datasheet
1Mb / 25P
   white SMT package, colored silicone resin
LW-M673 OSRAM-LW-M673 Datasheet
648Kb / 23P
   white SMT package, colored diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com