Electronic Components Datasheet Search |
|
17LE-13370-27(D4AB)-FA Datasheet(PDF) 6 Page - DDK Ltd. |
|
17LE-13370-27(D4AB)-FA Datasheet(HTML) 6 Page - DDK Ltd. |
6 / 6 page Unit:mm 17LE Series http://www.ddknet.co.jp ◎ Specifications and/or dimenssions in this catalogue are subject to change without notice. Your catalogue checking the latest speifications with our drawings would be highly appreciated. 6 ○ 17LE Series Mounting Accessories Deviation ※ ASSEMBLED: The mounting accessories are assembled with connector. ATTACHED: The mounting accessories are attached separately. 17LE-13 □□ 0-27-FA 17LE-23 □□ 0-27-FA None None 17LE- □ 3 □□ 0-27-FA Press in ground tab 17L-004E-FA 17LE-□3□□0-27(D41)-FA Connector can not be fastened on the panel. Stud 17L-002 □ and pan- head screw(L=6) are ASSEMBLED. 17LE-□3□□0-27(D2□)-FA Ground tab 17L-004C-FA is fastened by stud 17L-002 □ and pan- head screw (L=7). 17LE-□3□□0-27(D2□C)-FA Connector can not be fastened on the panel. To prevent loosening, screws are locked by adhesive. Jack socket 17L-003 □ 1 and hex nut(M3) are ASSEMBLED. 17LE-□3□□0-27(D3□)-FA Press in ground tab 17L-004B and jack socket 17L-003 □ 1 is ASSEMBLED. 17LE-□3□□0-27(D3□B)-FA Press in ground tab 17L-004D and jack socket 17L-003 □ 1 is ASSEMBLED. 17LE-□3□□0-27(D3□D)-FA Press in ground tab 17L-004E-FA and jack socket 17L-003 □ 1 is ASSEMBLED. 17LE-□3□□027(D3□H)-FA Connector can be fastened on the panel. Panel thickness: 1.3 max. Jack socket 17L-003 □ 3 and hex nut(M3) are ASSEMBLED. 17LE-□3□□0-27(D4□)-FA Press in ground tab 17L-004B and jack socket 17L-003 □ 3 is ASSEMBLED. 17LE-□3□□0-27(D4□B)-FA Press in ground tab 17L-004D and jack socket 17L-003 □ 3 is ASSEMBLED. 17LE-□3□□0-27(D4□D)-FA Press in ground tab 17L-004E-FA and jack socket 17L-003 □ 3 is ASSEMBLED. 17LE-□3□□027(D4□K)-FA 17L-002 □ 17L-003 □ 1 17L-003 □ 3 Stud Jack Socket Part Number □ : Thread Size (Stud) A:M2.6×0.45 B:M3×0.5 C:# 4-40UNC t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 Ground Tab Part Number Panel Mounting Operation Type 1 Type 2 Type 3 17L-004B 17L-004D 17L-004C-FA 17L-004E-FA t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 Recommended ※ Above list shows combinations of ground tab, stud and jack socket. The deviation is given in parentesis in each sections. Slanting line means "not available". Regarding the detail, please contact our sales. t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 t=1.6 M3×0.5 t=1.6 6.1 6.5 M3×0.5 φ3.2 Hole φ3.6 Hole t=0.6 M3×0.5 t=0.8 4.8 7.8 M3 M3 |
Similar Part No. - 17LE-13370-27(D4AB)-FA |
|
Similar Description - 17LE-13370-27(D4AB)-FA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |