Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3R6P-90 Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # H3R6P-90
Description  3-Electrode Gas Discharge Tubes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

H3R6P-90 Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  H3R6P-90 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD H3R6P-90 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Ø6x9.2mm)
4 Electrical Characteristics
continued
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse discharge
current(
8/20
μs)
AC discharge
current
(50Hz,1s,10ti
mes)
Capacitan
ce
(1MHz)
V
V
V
10 Times
A
PF
H3R6P-75F
75±20%
<500
<600
>1
10KA
10
≤1
H3R6P-90F
90±20%
<500
<600
>1
10KA
10
≤1
H3R6P-150F
150±20%
<500
<600
>1
10KA
10
≤1
H3R6P-230F
230±20%
<600
<700
>1
10KA
10
≤1
H3R6P-250F
250±20%
<600
<700
>1
10KA
10
≤1
H3R6P-350F
350±20%
<900
≤ 1000
>1
10KA
10
≤1
H3R6P-400F
400±20%
<900
≤ 1000
>1
10KA
10
≤1
H3R6P-420F
420±20%
<900
≤ 1000
>1
10KA
10
≤1
H3R6P-470F
470±20%
<1100
≤ 1200
>1
10KA
10
≤1
H3R6P-600F
600±20%
<1200
≤ 1300
>1
10KA
10
≤1
Packing Quantity : 100PCS
Specifications are subject to change without notice
sales@huaandz.com
2
HUAAN LIMITED
www.huaandz.com
Tel:+86-755-27465585


Similar Part No. - H3R6P-90

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
H3R6-150 HUAXINAN-H3R6-150 Datasheet
185Kb / 1P
   3-Electrode Gas Discharge Tubes
H3R6-230 HUAXINAN-H3R6-230 Datasheet
185Kb / 1P
   3-Electrode Gas Discharge Tubes
H3R6-250 HUAXINAN-H3R6-250 Datasheet
185Kb / 1P
   3-Electrode Gas Discharge Tubes
H3R6-350 HUAXINAN-H3R6-350 Datasheet
185Kb / 1P
   3-Electrode Gas Discharge Tubes
H3R6-400 HUAXINAN-H3R6-400 Datasheet
185Kb / 1P
   3-Electrode Gas Discharge Tubes
More results

Similar Description - H3R6P-90

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
3R75F HUAXINAN-3R75F Datasheet
150Kb / 2P
   3-Electrode Gas Discharge Tubes
HA3R8-75M HUAXINAN-HA3R8-75M Datasheet
247Kb / 2P
   3-Electrode Gas Discharge Tubes
3R75 HUAXINAN-3R75_V01 Datasheet
247Kb / 2P
   3-Electrode Gas Discharge Tubes
H3R7-75 HUAXINAN-H3R7-75 Datasheet
199Kb / 2P
   3-Electrode Gas Discharge Tubes
HA3R8-75H HUAXINAN-HA3R8-75H Datasheet
249Kb / 2P
   3-Electrode Gas Discharge Tubes
3R-75 HUAXINAN-3R-75_V01 Datasheet
247Kb / 2P
   3-Electrode Gas Discharge Tubes
3R75E HUAXINAN-3R75E Datasheet
153Kb / 2P
   3-Electrode Gas Discharge Tubes
HA3R5-75SMD HUAXINAN-HA3R5-75SMD Datasheet
273Kb / 2P
   3-Electrode Gas Discharge Tubes
H3R5-75 HUAXINAN-H3R5-75 Datasheet
186Kb / 1P
   3-Electrode Gas Discharge Tubes
H3R7S-75 HUAXINAN-H3R7S-75 Datasheet
198Kb / 2P
   3-Electrode Gas Discharge Tubes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com