Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM16416H-S00S Datasheet(PDF) 2 Page - Hantronix,Inc

Part # HDM16416H-S00S
Description  16 CHARACTERS , 4 LINES LCD DISPLAY MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM16416H-S00S Datasheet(HTML) 2 Page - Hantronix,Inc

  HDM16416H-S00S Datasheet HTML 1Page - Hantronix,Inc HDM16416H-S00S Datasheet HTML 2Page - Hantronix,Inc HDM16416H-S00S Datasheet HTML 3Page - Hantronix,Inc HDM16416H-S00S Datasheet HTML 4Page - Hantronix,Inc HDM16416H-S00S Datasheet HTML 5Page - Hantronix,Inc HDM16416H-S00S Datasheet HTML 6Page - Hantronix,Inc HDM16416H-S00S Datasheet HTML 7Page - Hantronix,Inc HDM16416H-S00S Datasheet HTML 8Page - Hantronix,Inc HDM16416H-S00S Datasheet HTML 9Page - Hantronix,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HANTRONIX, INC.
10080 BUBB RD.
CUPERTINO, CA 95014
DATE:
Q.A.:
REV.:
Z.W.
1.0
SHEET 2 OF 11
??General Specifications
1.Features
A. Drive Method:
1/16 Duty, 1/5 Bias
B. The Module Operating Voltage: 5.0V;
C. The LCD Operating Voltage :
4.7V;
D. Viewing Direction:
6:00
E. Operating Temperature:
0
~50
F. Storage Temperature:
-20
~70
G. Display type: STN mode, Positive type display
2.Mechanical Data and Conditions:
(1)
Module Size---------------------------87.0 w *60.0 h mm
(2)
Viewing Area ------------------------ 61.8w*25.2hmm
(3)
Dot Size
----------------------------0.55w*0.55hmm
(4)
Character Size -----------------------2.95 w *4.75 h mm
(5)
Number of Characters -------------16 Characters*4 Line
(6) Outline Dimensions------------------See Attached Drawing
`
°C
°C
°C
°C
HDM16416H-S00S
3/22/10


Similar Part No. - HDM16416H-S00S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDM16416H ETC-HDM16416H Datasheet
25Kb / 1P
   16 Character x 4 Lines
logo
Hantronix,Inc
HDM16416H HANTRONIX-HDM16416H_15 Datasheet
25Kb / 1P
   16 Character x 4 Lines
More results

Similar Description - HDM16416H-S00S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1602I ETC-SD1602I Datasheet
103Kb / 1P
   LCD MODULE (16 CHARACTERS X 2 LINES )
SC1604A ETC-SC1604A Datasheet
96Kb / 1P
   LCD MODULES SC1604A ( 16 CHARACTERS x 4 LINES )
LC1641 ETC1-LC1641 Datasheet
38Kb / 1P
   16 characters x 4 lines
SC1604C ETC-SC1604C Datasheet
92Kb / 1P
   16 CHARACTERS x 4 LINES
SC2002D ETC-SC2002D Datasheet
87Kb / 1P
   LCD MODULE 20 CHARACTERS X 2 LINES
SC1601D ETC-SC1601D Datasheet
62Kb / 1P
   LCD MODULES 16 CHARACTERS x 1 LINES
SC1602D ETC-SC1602D Datasheet
93Kb / 1P
   LCD MODULES 16 CHARACTERS x 2 LINES
SC4004A ETC-SC4004A Datasheet
95Kb / 1P
   LCD MODULES 40 CHARACTERS x 4 LINES
logo
Rohm
RCM2228R-A ROHM-RCM2228R-A Datasheet
89Kb / 8P
   16 characters x 2 lines COG module
logo
List of Unclassifed Man...
SD1602H ETC-SD1602H Datasheet
69Kb / 1P
   LCD MODULES SD1602H ( 16 CHARACTERS x 2 LINES )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com