Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE15007 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE15007
Description  Integrated Circuit TV Stereo Multiplexing Decoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15007 Datasheet(HTML) 2 Page - NTE Electronics

  NTE15007 Datasheet HTML 1Page - NTE Electronics NTE15007 Datasheet HTML 2Page - NTE Electronics NTE15007 Datasheet HTML 3Page - NTE Electronics NTE15007 Datasheet HTML 4Page - NTE Electronics NTE15007 Datasheet HTML 5Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (Cont’d): (VCC = 9V, dBs = 0.775Vrms, TA = +25°C unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SAP Output Level
VSAP
Pin1 Input
SAP 1kHz 100% (–14.4dBs)
Pin25 Output 15kHz LPF is
attached
–0.8
–0.1
0.6
dB
SAP Distortion Ratio
THDSAP
Pin1 Input
SAP 1kHz 100% (–14.4dBs)
Pin25 Output 15kHz LPF is
attached
4.0
8.0
%
SAP BPF Frequency
Characteristics 5fH
A BPF 5fH
Pin1 Input 5fH (–14.4dBs)
Pin6 Output
–16
–13.5 –12.5
dB
SAP BPF Frequency
Characteristics 3fH
A BPF 3fH
Pin1 Input 3fH (–14.4dBs)
Pin6 Output
–32.5 –29.5
dB
SAP BPF Frequency
Characteristics 6.5fH
A BPF 6.5fH Pin1 Input 6.5fH (–14.4dBs)
Pin6 Output
–31.6 –29.5
dB
SAP Detecting
Characteristics
VSAP FM
Pin8 Input
63.37kHz (–14.4dBs)
93.67kHz (–14.4dBs)
Pin25 Output
100
110
118
mV/kHz
SAP Muting Attenutation
Amount
ATSAP
Pin8 Input
SAP 1kHz 100% (–14.4dBs)
Pin25 Output
–68
–65
dB
MONAURAL Noise Level
VST NM
Non–input
Pin23 Output 15kHz LPF is
attached
–75
–70
dB
STEREO Noise Level
VST NS
Pin1 fH (–24dBs)
Pin40 to Pin41 –6dB ATT
Pin24 Output 15kHz LPF is
attached
–70
–66
dB
MAIN Output Level
VMAIN
Pin1 Input 1kHz (–10dBs)
75
µs de–emphasis is attached
Pin23 Output 15kHz LPF is
attached
–5.6
–5.0
–4.6
dB
SUB Detecting Level
VSUB
Pin1 Input SUB 1kHz 100%
Pin40 to Pin41 –6dB ATT
Pin24 Output 15kHz LPF is
attached
–12
–9
dB
MONAURAL Distortion
Ratio
THDMONO
Pin1 Input 1kHz (–10dBs)
Pin23 Output 15kHz LPF is
attached
0.25
0.50
%
STEREO Distortion
THDSTE
Pin1 Input SUB 1kHz 100%
Pin24 Output 15kHz LPF is
attached
0.75
1.20
%
Pilot Cancel (L + R)
PCL + R
Pin1 Input fH (–24dBs)
75
µs de–emphasis is attached
Pin23 Output fH BPF is attached
–57.0 –51.5
dB
Pilot Cancel (L – R)
PCL – R
Pin1 Input fH (–24dBs)
Pin40 to Pin41 –6dB ATT
Pin24 Output fH BPF is attached
–41
–35
dB


Similar Part No. - NTE15007

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15007E NTE-NTE15007E Datasheet
54Kb / 2P
   Integrated Circuit Protector
More results

Similar Description - NTE15007

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1860 NTE-NTE1860 Datasheet
110Kb / 5P
   Integrated Circuit TV Stereo Multiplexing Decoder
NTE1655 NTE-NTE1655 Datasheet
22Kb / 2P
   Integrated Circuit TV Stereo Decoder
logo
NXP Semiconductors
TDA3803A PHILIPS-TDA3803A Datasheet
95Kb / 11P
   Stereo/dual TV sound decoder circuit
November 1987
logo
National Semiconductor ...
LM1884 NSC-LM1884 Datasheet
74Kb / 3P
   TV STEREO DECODER
logo
NTE Electronics
NTE789 NTE-NTE789 Datasheet
32Kb / 3P
   Integrated Circuit Stereo Multiplex Decoder
NTE1890 NTE-NTE1890 Datasheet
43Kb / 6P
   Integrated Circuit NTSC Decoder for TV
NTE1800 NTE-NTE1800 Datasheet
23Kb / 3P
   Integrated Circuit TV Multiplex Sound Decoder
NTE1022 NTE-NTE1022 Datasheet
18Kb / 2P
   Integrated Circuit 4-Channel Stereo Decoder
NTE722 NTE-NTE722 Datasheet
22Kb / 2P
   Integrated Circuit FM Stereo Multiplex Decoder
NTE1142 NTE-NTE1142 Datasheet
80Kb / 2P
   Integrated Circuit FM Multiplex Stereo Decoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com