Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM20416L-1-Y10S Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM20416L-1-Y10S
Description  20 Character x 4 Lines, LED Backlight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM20416L-1-Y10S Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM20416L-1-Y10S Datasheet HTML 1Page - Hantronix,Inc HDM20416L-1-Y10S Datasheet HTML 2Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 81
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
POWER SUPPLY CURRENT
IDD
VDD=5.0V
-
1.5
2.5
mA
POWER SUPPLY FOR LCD
VDD-VL TA=25°C
4.2
4.7
5.2
V
LED FORWARD Vtg (White)
VF
IF=20mA
3.2
3.4
3.6
V
(Yellow)
IF=110mA
3.9
4.1
4.5
BRIGHTNESS (White LED)
L
IF=20mA
58
83
-
cd/m2
(Yellow LED)
IF=110mA
30
45
-
DRIVE METHOD
1/16 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
0
7.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
0
13.5
V
OPERATING TEMPERATURE
TOP
0
50
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
LED FORWARD CURRENT (White)
IF
-
25
mA
(Yellow)
-
300
LED REVERSE VOLTAGE (White)
VR
-
5
V
(Yellow)
-
8
LED POWER CONSUMPTION (White)
PD
-
50
mW
(Yellow)
-
1350
Physical Data
Module Size ..................................98.0W x 60.0H x 12.5T mm
Thick Version.............98.0W x 60.0H x 15.0T mm
Viewing Area Size......................................76.0W x 25.2H mm
Weight.................................................................................60g
Features
Character Format .................................. 5x7 Dots with Cursor
Backlight...................................................White or Yellow LED
Options.......................................Gray STN/Yellow STN, FSTN
12 o’Clock/6 o’Clock View
Normal/Extended Temperature
Normal/Negative Displays
Block Diagram
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1
VSS
-
0V
Power supply
2
VDD
-
5V
3
VL
-
-
4
RS
H/L
H: Data input
L: Instruction data input
5
R/W
H/L
H: Data read
L: Data write
6
E
H,H->L
Enable signal
7
D0
H/L
Data bus
8
D1
H/L
9
D2
H/L
10
D3
H/L
11
D4
H/L
12
D5
H/L
13
D6
H/L
14
D7
H/L
15
A
-
Anode for LED backlight
16
K
-
Cathode for LED backlight
D0 - D7
E
R/W
RS
VL
VDD
VSS
K
A
LCD
CONTROLLER
HD44780
or
EQUIVALENT
LCD PANEL
COM
4
16
16
DRIVER
DRIVER
DRIVER
DRIVER
4
40
40
20
20
40
40
LED BACKLIGHT
Dimensional Drawing
1
2.54x15=38.1
16
16-
φ1.0
4-
φ2.5
2.5
2.95
0.6
0.05
0.55
0.55
0.6
0.05
4.75
10.0
98.0
93.0
70.4
76.0
93.0
10.5 (-1)
Dimension tolerance: +/-0.3mm
20 Character x 4 Lines, LED Backlight
A
K
HDM20416L, HDM20416L-1
9.5
RESISTOR SUPPLIED BY USER


Similar Part No. - HDM20416L-1-Y10S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM20416L-1-Y10S HANTRONIX-HDM20416L-1-Y10S Datasheet
31Kb / 2P
   20 Character x 4 Lines, LED Backlight
More results

Similar Description - HDM20416L-1-Y10S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM20416L HANTRONIX-HDM20416L Datasheet
30Kb / 1P
   20 Character x 4 Lines, LED Backlight
HDM20416L-1-L30S HANTRONIX-HDM20416L-1-L30S Datasheet
31Kb / 2P
   20 Character x 4 Lines, LED Backlight
HDM20416L-B HANTRONIX-HDM20416L-B_15 Datasheet
37Kb / 1P
   20 Character x 4 Lines LED Backlight
HDM20416L-1-YA1S HANTRONIX-HDM20416L-1-YA1S Datasheet
31Kb / 2P
   20 Character x 4 Lines, LED Backlight
HDM20416L-M-L30S HANTRONIX-HDM20416L-M-L30S Datasheet
33Kb / 2P
   20 Character x 4 Lines, Large Character, LED Backlight
HDM20416L-M HANTRONIX-HDM20416L-M Datasheet
31Kb / 1P
   20 Character x 4 Lines, Large Character, LED Backlight
HDM20216L HANTRONIX-HDM20216L Datasheet
30Kb / 1P
   20 Character x 2 Lines, LED Backlight
HDM20216L-1-Y10S HANTRONIX-HDM20216L-1-Y10S Datasheet
40Kb / 2P
   20 Character x 2 Lines, LED Backlight
HDM20216L-1-L30S HANTRONIX-HDM20216L-1-L30S Datasheet
40Kb / 2P
   20 Character x 2 Lines, LED Backlight
HDM20416L-S HANTRONIX-HDM20416L-S Datasheet
69Kb / 1P
   20 Character x 4 Lines, Small Size, LED Backlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com