Electronic Components Datasheet Search |
|
VFS60A-BHPK01024 Datasheet(PDF) 3 Page - SICK AG |
|
VFS60A-BHPK01024 Datasheet(HTML) 3 Page - SICK AG |
3 / 8 page VFS60A-BHPK01024 | VFS60 MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL Operating torque 0.6 Ncm (+20 °C) Start up torque 0.8 Ncm (+20 °C) Permissible shaft movement, radial stat- ic/dynamic ± 0.3 mm / ± 0.05 mm Permissible shaft movement, axial stat- ic/dynamic ± 0.5 mm / ± 0.01 mm Life of ball bearings 3.0 x 10^9 revolutions Connection type Cable, 8-wire, radial, 1.5 m 2) 1) Self-warming 3.3 K/1,000 1/min, when applying note working temperature range. 2) The universal cable outlet is positioned in such a way, that it is possible to lay the cable in a radial or axial direction without kinking it. Ambient data Operating temperature range –30 °C ... +100 °C Storage temperature range –40 °C ... +100 °C, without package Relative humidity/condensation 90 %, condensation of the optical scanning not permitted Resistance to shocks 70 g, 6 ms (according to EN 60068-2-27) Frequency range of resistance to vibrations 30 g, 10 Hz ... 2,000 Hz (according to EN 60068-2-6) EMC According to EN 61000-6-2 and EN 61000-6-4 Enclosure rating IP65, shaft side (according to IEC 60529) IP67, housing side, cable outlet (according to IEC 60529) Classifications ECl@ss 5.0 27270501 ECl@ss 5.1.4 27270501 ECl@ss 6.0 27270590 ECl@ss 6.2 27270590 ECl@ss 7.0 27270501 ECl@ss 8.0 27270501 ECl@ss 8.1 27270501 ECl@ss 9.0 27270501 ETIM 5.0 EC001486 ETIM 6.0 EC001486 UNSPSC 16.0901 41112113 2017-07-07 18:51:26 | Online data sheet Subject to change without notice MOTOR FEEDBACK SYSTEMS | SICK 3 |
Similar Part No. - VFS60A-BHPK01024 |
|
Similar Description - VFS60A-BHPK01024 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |