Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DK-3RECMST1-3500 Datasheet(PDF) 3 Page - DDK Ltd.

Part # DK-3RECMST1-3500
Description  Industrial waterproof rectangular connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DK-3RECMST1-3500 Datasheet(HTML) 3 Page - DDK Ltd.

  DK-3RECMST1-3500 Datasheet HTML 1Page - DDK Ltd. DK-3RECMST1-3500 Datasheet HTML 2Page - DDK Ltd. DK-3RECMST1-3500 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.ddknet.co.jp
Unit:mm
DK-3 Series
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○Crimp Contact
DK-3 Contact
DK-3
Tab Contact
Receptacle Contact
 ◆
Used to prevent misinsertion.
   
Part Number:DK-3KP   
 
MOQ:100 pcs
【Contact】
【Premating Contact】
Applicable Cable Size Insulation
O.D.(mm)
Contact
Size
Package
Style
Part Number
Contact
Quantity
(pcs)
AWG mm2
Receptacle Contact
Tab Contact
24
0.20
22
0.30
20
0.50
1.2 〜 1.6
M
Bag
DK-3RECMLP1-E-100
DK-3TABMLP1-E-100
100
1.7 〜 2.6
20
0.50
18
0.85
16
1.25
1.8 〜 2.8
L
Bag
DK-3RECLLP1-E-100
DK-3TABLLP1-E-100
100
2.2 〜 2.8
16
1.25
2.2 〜 2.8
2L
Bag
DK-3REC2LLP1-E-100 DK-3TAB2LLP1-E-100
100
Applicable Cable Size Insulation
O.D.(mm)
Contact
Size
Package
Style
Part Number
Contact
Quantity
(pcs)
AWG
mm2
Receptacle Contact
Tab Contact
28
0.08
26
0.12
24
0.20
0.8 〜 1.2
S
Reel
DK-3RECSST1-4000
DK-3TABSST1-4000
 4,000
1.0 〜 1.4
Bag
DK-3RECSLP1-100
DK-3TABSLP1-100
  100
24
0.20
22
0.30
20
0.50
1.2 〜 1.6
M
Reel
DK-3RECMST1-3500
DK-3TABMST1-3500
 3,500
1.7 〜 2.6
Bag
DK-3RECMLP1-100
DK-3TABMLP1-100
  100
20
0.50
18
0.85
16
1.25
1.8 〜 2.8
L
Reel
DK-3RECLST1-3000
DK-3TABLST1-3000
 3,000
2.2 〜 2.8
Bag
DK-3RECLLP1-100
DK-3TABLLP1-100
  100
16
1.25
2.2 〜 2.8
2L
Reel
DK-3REC2LST1-3000
DK-3TAB2LST1-3000
 3,000
Bag
DK-3REC2LLP1-100
DK-3TAB2LLP1-100
  100
Keying Plug  【Prevent Misinsertion Key】
3
DK-3RECSST1-E-4000
 
Contact Style
 REC:Receptacle Contact
 TAB:Tab Contact
 
Applicable Cable Size
 S:AWG 24 ー 28
M:AWG 20 ー 24
L:AWG 16 ー 20
2L:AWG 16
 
Package Style
 ST:Reel
LP:Bag
 
Contact Quantity
 4000:4000 pcs / Reel
3500:3500 pcs / Reel
3000:3000 pcs / Reel
 100:100 pcs / Bag
 
Contact
 E:Premating Contact
Omit:Contact
  
Contact Plating
1:Au(0.38 μm min)over Ni Plating


Similar Part No. - DK-3RECMST1-3500

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DK-3R04BRCX-ES DDK-DK-3R04BRCX-ES Datasheet
2Mb / 5P
   Industrial waterproof rectangular connector
DK-3R04BRCX-S DDK-DK-3R04BRCX-S Datasheet
2Mb / 5P
   Industrial waterproof rectangular connector
DK-3R04BRCY-ES DDK-DK-3R04BRCY-ES Datasheet
2Mb / 5P
   Industrial waterproof rectangular connector
DK-3R04BRCY-S DDK-DK-3R04BRCY-S Datasheet
2Mb / 5P
   Industrial waterproof rectangular connector
DK-3R04BRCZ-ES DDK-DK-3R04BRCZ-ES Datasheet
2Mb / 5P
   Industrial waterproof rectangular connector
More results

Similar Description - DK-3RECMST1-3500

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DK-2P12CRC-S DDK-DK-2P12CRC-S Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3P04BRCX-S DDK-DK-3P04BRCX-S Datasheet
2Mb / 5P
   Industrial waterproof rectangular connector
DIS30L-SP42P DDK-DIS30L-SP42P Datasheet
830Kb / 4P
   Waterproof Industrial Rectangular Connector
DK-2P36FRC-S DDK-DK-2P36FRC-S Datasheet
1Mb / 4P
   Industrial waterproof rectangular connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
   Waterproof In-line Connector for Industrial Machinery
logo
List of Unclassifed Man...
KDM20-07 ETC2-KDM20-07 Datasheet
320Kb / 3P
   Rectangular Multi-connector
logo
Molex Electronics Ltd.
0551244331 MOLEX7-0551244331 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Terminal 55124, 18 AWG, Blue Retainer
0593190028 MOLEX7-0593190028 Datasheet
112Kb / 3P
   HMC??Rectangular Industrial Female Terminal, Multi-Module Type, Reel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com