Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DK-2CR50ETC-S Datasheet(PDF) 2 Page - DDK Ltd.

Part # DK-2CR50ETC-S
Description  Industrial waterproof rectangular connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DK-2CR50ETC-S Datasheet(HTML) 2 Page - DDK Ltd.

  DK-2CR50ETC-S Datasheet HTML 1Page - DDK Ltd. DK-2CR50ETC-S Datasheet HTML 2Page - DDK Ltd. DK-2CR50ETC-S Datasheet HTML 3Page - DDK Ltd. DK-2CR50ETC-S Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.ddknet.co.jp
Unit:mm
DK-2 Series
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
DK-2P36F □□ -S
○ 36 Pin Connectors
DK-2CR36F □□ -S
DK-2R36F □□ -S
Plug
Cable Receptacle
Receptacle
Tab Housing
A
B
C
D
E
F
A
B
C
D
E
F
DK-2RS36Fx
43.5
38.4
50.5
4-2.7 Dia.
A
B
C
D
E
F
A
B
C
D
E
F
DK-2RS36Fx
37.7
4-2.7 Dia.
4-R0.5
43.5
43.5
38.4
50.5
4-2.7 Dia.
Panel Mounting Dimension
Receptacle Housing
Tab Housing
50.5
47.1
32 Dia.
14.9Dia.
(Cable)
A
B
C
D
E
F
A
B
C
D
E
F
A
B
C
D
E
F
A
B
C
D
E
F
50.5
47.1
32 Dia.
14.9Dia.
(Cable)
Receptacle Housing
(Cable)
A
B
C
D
E
F
A
B
C
D
E
F
Tab Housing
A
B
C
D
E
F
A
B
C
D
E
F
(Cable)
Receptacle Housing
32 Dia.
14.9 Dia.
50
50.5
32 Dia.
14.9 Dia.
50
50.5
2
RC : Receptacle Housing
TC : Tab Housing
RC :Receptacle Housing
TC : Tab Housing
RC : Receptacle Housing
TC : Tab Housing


Similar Part No. - DK-2CR50ETC-S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DK-2CR12CRC-S DDK-DK-2CR12CRC-S Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-2CR12CTC-S DDK-DK-2CR12CTC-S Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
More results

Similar Description - DK-2CR50ETC-S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DK-2P12CRC-S DDK-DK-2P12CRC-S Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3RECSST1-4000 DDK-DK-3RECSST1-4000 Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3P04BRCX-S DDK-DK-3P04BRCX-S Datasheet
2Mb / 5P
   Industrial waterproof rectangular connector
DIS30L-SP42P DDK-DIS30L-SP42P Datasheet
830Kb / 4P
   Waterproof Industrial Rectangular Connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
   Waterproof In-line Connector for Industrial Machinery
logo
List of Unclassifed Man...
KDM20-07 ETC2-KDM20-07 Datasheet
320Kb / 3P
   Rectangular Multi-connector
logo
Molex Electronics Ltd.
0551244331 MOLEX7-0551244331 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Terminal 55124, 18 AWG, Blue Retainer
0593190028 MOLEX7-0593190028 Datasheet
112Kb / 3P
   HMC??Rectangular Industrial Female Terminal, Multi-Module Type, Reel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com