Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE15012 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE15012
Description  Integrated Circuit TV Fixed Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15012 Datasheet(HTML) 2 Page - NTE Electronics

  NTE15012 Datasheet HTML 1Page - NTE Electronics NTE15012 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pin Connection Diagram
(Front View)
Input/Case
Common (–)
Base
3
2
1
No Pin
Output
5
4
1.410 (36.0)
.960 (24.4)
.834
(21.2)
.708
(18.0)
.214 (5.45)
.039 (1.0)
.177
(4.5)
.023 (0.6)
.236 (6.0)
Max
12
3
4
5


Similar Part No. - NTE15012

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1501 NTE-NTE1501 Datasheet
22Kb / 3P
   Integrated Circuit 7-Step LED Driver Circuit
NTE15013 NTE-NTE15013 Datasheet
22Kb / 2P
   Integrated Circuit TV VIF Amp, Phase Lock Loop (PLL)
NTE15014 NTE-NTE15014 Datasheet
22Kb / 3P
   Integrated Circuit Dual dbxII Noise Reduction System
NTE15017 NTE-NTE15017 Datasheet
19Kb / 2P
   Integrated Circuit Head Amp Circuit for VCR
NTE15019E NTE-NTE15019E Datasheet
54Kb / 2P
   Integrated Circuit Protector
More results

Similar Description - NTE15012

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1740 NTE-NTE1740 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1776 NTE-NTE1776 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE15032 NTE-NTE15032 Datasheet
22Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1896 NTE-NTE1896 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7077 NTE-NTE7077 Datasheet
21Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator 110V 짹0.8V, 1A
NTE1839 NTE-NTE1839 Datasheet
23Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator 120V 짹0.8V, 1A
NTE1678 NTE-NTE1678 Datasheet
30Kb / 3P
   Integrated Circuit Switching Regulator for TV
NTE1870 NTE-NTE1870 Datasheet
22Kb / 2P
   Integrated Circuit Module - Color TV Switching Regulator
NTE1732 NTE-NTE1732 Datasheet
32Kb / 3P
   Integrated Circuit Module, Hybrid, TV Voltage Regulator w/4W Audio Output
NTE1046 NTE-NTE1046 Datasheet
78Kb / 2P
   Integrated Circuit TV AFC Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com