Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDZFH11 Datasheet(PDF) 2 Page - Rohm

Part # TDZFH11
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TDZFH11 Datasheet(HTML) 2 Page - Rohm

  TDZFH11 Datasheet HTML 1Page - Rohm TDZFH11 Datasheet HTML 2Page - Rohm TDZFH11 Datasheet HTML 3Page - Rohm TDZFH11 Datasheet HTML 4Page - Rohm TDZFH11 Datasheet HTML 5Page - Rohm TDZFH11 Datasheet HTML 6Page - Rohm TDZFH11 Datasheet HTML 7Page - Rohm TDZFH11 Datasheet HTML 8Page - Rohm TDZFH11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
TDZFH series
l
Electrical characteristics (Ta= 25°C)
MIN.
MAX.
IZ(mA)
MAX.
VR(V)
TDZ 5.1
4.60
5.60
10
10
1.5
TDZ 5.6
5.10
6.10
10
10
2.5
TDZ 6.2
5.60
6.80
10
10
3.0
TDZ 6.8
6.20
7.40
10
10
3.5
TDZ 7.5
6.80
8.30
10
10
4.5
TDZ 8.2
7.40
9.00
10
10
4.9
TDZ 9.1
8.20
10.00
10
10
5.5
TDZ 10
9.00
11.00
10
10
6.0
TDZ 11
9.90
12.10
10
10
7.0
TDZ 12
10.80
13.20
10
10
8.0
TDZ 13
11.70
14.30
10
10
9.0
TDZ 15
13.50
16.50
10
10
10.0
TDZ 16
14.40
17.60
10
10
11.0
TDZ 18
16.20
19.80
10
10
12.0
TDZ 20
18.00
22.00
10
10
14.0
TDZ 22
19.80
24.20
10
10
15.0
TDZ 24
21.60
26.40
10
10
16.0
TDZ 27
24.30
29.70
10
10
19.0
TDZ 30
27.00
33.00
10
10
21.0
(1) The Zener voltage (Vz) is measured 40ms after power is supplied.
(2) The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
l
MARKING (TYPE NO.)
TYP.
Reverse current
:
IR(mA)
Symbol
Zener voltage : VZ(V)
TYPE
TYPE NO.
TYPE
TYPE NO.
TDZ 5.1
A2
TDZ 13
35
TDZ 5.6
C2
TDZ 15
45
TDZ 6.2
E2
TDZ 16
55
TDZ 6.8
F2
TDZ 18
65
TDZ 7.5
H2
TDZ 20
75
TDZ 8.2
J2
TDZ 22
85
TDZ 9.1
L2
TDZ 24
95
TDZ 10
05
TDZ 27
A5
TDZ 11
15
TDZ 30
C5
TDZ 12
25
2/6
2013.11 - Rev.D
TDZFH5.1
TDZFH5.6
TDZFH6.2
TDZFH6.8
TDZFH7.5
TDZFH8.2
TDZFH9.1
TDZFH10
TDZFH11
TDZFH12
TDZFH13
TDZFH15
TDZFH16
TDZFH18
TDZFH20
TDZFH22
TDZFH24
TDZFH27
TDZFH30
TDZFH5.1
TDZFH5.6
TDZFH6.2
TDZFH6.8
TDZFH7.5
TDZFH8.2
TDZFH9.1
TDZFH10
TDZFH11
TDZFH12
TDZFH24
TDZFH27
TDZFH30
TDZFH13
TDZFH15
TDZFH16
TDZFH18
TDZFH20
TDZFH22


Similar Part No. - TDZFH11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDZ045124 VISHAY-TDZ045124 Datasheet
226Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 17-Nov-00
TDZ050124 VISHAY-TDZ050124 Datasheet
226Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 17-Nov-00
TDZ050170 VISHAY-TDZ050170 Datasheet
273Kb / 3P
   Pot Capacitors for Coupling Purposes
Revision: 21-Jan-02
TDZ050170 VISHAY-TDZ050170 Datasheet
85Kb / 4P
   RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Revision: 14-Sep-15
TDZ050170 VISHAY-TDZ050170_15 Datasheet
85Kb / 4P
   RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Revision: 14-Sep-15
More results

Similar Description - TDZFH11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com