Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC0H104ZFTBR44-SS Datasheet(PDF) 4 Page - Kemet Corporation

Part # FC0H104ZFTBR44-SS
Description  Supercapacitors FC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0H104ZFTBR44-SS Datasheet(HTML) 4 Page - Kemet Corporation

  FC0H104ZFTBR44-SS Datasheet HTML 1Page - Kemet Corporation FC0H104ZFTBR44-SS Datasheet HTML 2Page - Kemet Corporation FC0H104ZFTBR44-SS Datasheet HTML 3Page - Kemet Corporation FC0H104ZFTBR44-SS Datasheet HTML 4Page - Kemet Corporation FC0H104ZFTBR44-SS Datasheet HTML 5Page - Kemet Corporation FC0H104ZFTBR44-SS Datasheet HTML 6Page - Kemet Corporation FC0H104ZFTBR44-SS Datasheet HTML 7Page - Kemet Corporation FC0H104ZFTBR44-SS Datasheet HTML 8Page - Kemet Corporation FC0H104ZFTBR44-SS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6011_FC • 3/29/2017
Supercapacitors – FC Series
Table 1 – Ratings & Part Number Reference
Part Number
Maximum
Operating
Voltage (VDC)
Nominal
Capacitance
Discharge
System (F)
Maximum ESR
at 1 kHz (Ω)
Maximum
Current at 30
Minutes (mA)
Voltage Holding
Characteristic
Minimum (V)
Weight (g)
FC0V104ZFTBR24
3.5
0.10
50
0.09
1.0
FCS0V104ZFTBR24
3.5
0.10
100
0.09
1.0
FC0V224ZFTBR24
3.5
0.22
25
0.20
1.0
FCS0V224ZFTBR24
3.5
0.22
50
0.20
1.0
FC0V474ZFTBR24
3.5
0.47
25
0.42
1.4
FCS0V474ZFTBR24
3.5
0.47
50
0.42
1.4
FC0H473ZFTBR24
5.5
0.047
50
0.071
4.2
1.0
FCS0H473ZFTBR24
5.5
0.047
100
0.071
4.2
1.0
FC0H104ZFTBR24
5.5
0.10
25
0.15
4.2
1.0
FCS0H104ZFTBR24
5.5
0.10
50
0.15
4.2
1.0
FC0H224ZFTBR24
5.5
0.22
25
0.33
4.2
1.4
FCS0H224ZFTBR24
5.5
0.22
50
0.33
4.2
1.4
FC0H474ZFTBR32–SS
5.5
0.47
13
0.71
4.2
4.0
FC0H105ZFTBR44–SS
5.5
1.0
7
1.50
4.2
6.7
Part numbers in bold type represent popularly purchased components.
Land Pattern
B
A
B
Logo
Land Pattern
Lead Terminal
Diameter (mm)
A
B
C
A
B
C
10.5
5.0
4.6
2.5
5.0
3.6
1.2
10.7
5.0
4.9
2.5
5.0
3.9
1.2
16
5.0
10.0
2.5
5.0
6.8
1.2
21
10.0
10.5
3.5
10.0
7.0
1.4


Similar Part No. - FC0H104ZFTBR44-SS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0H104ZFTBR44-SS KEMET-FC0H104ZFTBR44-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
More results

Similar Description - FC0H104ZFTBR44-SS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com