Electronic Components Datasheet Search |
|
FC0H224ZFTBR24 Datasheet(PDF) 1 Page - Kemet Corporation |
|
FC0H224ZFTBR24 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 16 page 1 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com S6011_FC • 3/29/2017 One world. One KEMET Benefits • Surface mount without holder • Widerangeoftemperaturefrom−25°Cto+70°C • Maintenance free • Operational Voltage: 3.5 – 5.5 VDC • Highly reliable against liquid leakage • Lead-free and RoHS Compliant Overview FC Series Supercapacitors, also known as Electric Double-Layer Capacitors (EDLCs), are surface mount type components intended for high energy storage applications. TheFCSeriesisdesignedspecificallyforreflowsoldering, allowing them to be attached to a printed circuit board (PCB) directly. Applications Supercapacitors have characteristics ranging from traditional capacitors and batteries. As a result, supercapacitors can be used like a secondary battery when applied in a DC circuit. These devices are best suited for use in low voltage DC hold-up applications such as embeddedmicroprocessorsystemswithflashmemory. Supercapacitors FC Series Part Number System FC 0H 104 Z F TB R 24 –SS Series Surface Mount Maximum Operating Voltage Capacitance Code (F) Capacitance Tolerance Environmental Tape Type Orientation Tape Width C-Spec FCS FC 0V = 3.5 VDC 0H = 5.5 VDC First two digits representsignificant figures.Thirddigit specifiesnumberof zeros. Z=−20/+80% F = Lead-free TB = Embossed R = Positive electrode forward 24 = 24 mm 32 = 32 mm 44 = 44 mm –SS = 3 digit serial number marked on top Blank = No serial number marking |
Similar Part No. - FC0H224ZFTBR24 |
|
Similar Description - FC0H224ZFTBR24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |