Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1032E Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISP1032E
Description  High-Density Programmable Logic
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISP1032E Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISP1032E Datasheet HTML 2Page - Lattice Semiconductor ISP1032E Datasheet HTML 3Page - Lattice Semiconductor ISP1032E Datasheet HTML 4Page - Lattice Semiconductor ISP1032E Datasheet HTML 5Page - Lattice Semiconductor ISP1032E Datasheet HTML 6Page - Lattice Semiconductor ISP1032E Datasheet HTML 7Page - Lattice Semiconductor ISP1032E Datasheet HTML 8Page - Lattice Semiconductor ISP1032E Datasheet HTML 9Page - Lattice Semiconductor ISP1032E Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Specifications ispLSI and pLSI 1032E
tpd1
UNITS
TEST
COND.
1. Unless noted otherwise, all parameters use the GRP, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-bit counter using GRP feedback.
4. Reference Switching Test Conditions section.
Table 2-0030B/1032E
1
4
3
1
tsu2 + tco1
(
)
-70
MIN. MAX.
DESCRIPTION
#
2
PARAMETER
A
1
Data Propagation Delay, 4PT Bypass, ORP Bypass
15.0
ns
tpd2
A
2
Data Propagation Delay, Worst Case Path
ns
fmax (Int.)
A
3
Clock Frequency with Internal Feedback
70.0
MHz
fmax (Ext.)
4
Clock Frequency with External Feedback
MHz
fmax (Tog.)
5
Clock Frequency, Max. Toggle
MHz
tsu1
6
GLB Reg. Setup Time before Clock,4 PT Bypass
ns
tco1
A
7
GLB Reg. Clock to Output Delay, ORP Bypass
ns
th1
8
GLB Reg. Hold Time after Clock, 4 PT Bypass
ns
tsu2
9
GLB Reg. Setup Time before Clock
ns
tco2
10
GLB Reg. Clock to Output Delay
ns
th2
11
GLB Reg. Hold Time after Clock
ns
tr1
A
12
Ext. Reset Pin to Output Delay
ns
trw1
13
Ext. Reset Pulse Duration
ns
tptoeen
B
14
Input to Output Enable
ns
tptoedis
C
15
Input to Output Disable
ns
twh
18
External Synchronous Clock Pulse Duration, High
5.0
ns
twl
19
External Synchronous Clock Pulse Duration, Low
5.0
ns
tsu3
20
I/O Reg. Setup Time before Ext. Sync Clock (Y2, Y3)
ns
th3
21
I/O Reg. Hold Time after Ext. Sync. Clock (Y2, Y3)
ns
56.0
100
9.0
0.0
11.0
0.0
10.0
4.0
0.0
17.5
7.0
8.0
15.0
18.0
18.0
(
)
1
twh + tw1
tgoeen
B
16
Global OE Output Enable
ns
12.0
tgoedis
C
17
Global OE Output Disable
ns
-90
MIN. MAX.
10.0
90.0
0.0
8.5
0.0
6.5
4.0
4.0
3.5
0.0
69.0
125
7.5
6.0
7.0
13.5
15.0
15.0
12.5
9.0
9.0
12.0
-80
MIN. MAX.
12.0
80.0
4.5
4.5
61.0
111
8.5
0.0
10.0
0.0
8.0
3.5
0.0
15.0
6.5
7.5
14.0
16.5
16.5
10.0
10.0
External Timing Parameters
Over Recommended Operating Conditions


Similar Part No. - ISP1032E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
More results

Similar Description - ISP1032E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com