Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1032E Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISP1032E
Description  High-Density Programmable Logic
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISP1032E Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISP1032E Datasheet HTML 7Page - Lattice Semiconductor ISP1032E Datasheet HTML 8Page - Lattice Semiconductor ISP1032E Datasheet HTML 9Page - Lattice Semiconductor ISP1032E Datasheet HTML 10Page - Lattice Semiconductor ISP1032E Datasheet HTML 11Page - Lattice Semiconductor ISP1032E Datasheet HTML 12Page - Lattice Semiconductor ISP1032E Datasheet HTML 13Page - Lattice Semiconductor ISP1032E Datasheet HTML 14Page - Lattice Semiconductor ISP1032E Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Specifications ispLSI and pLSI 1032E
ispLSI and pLSI 1032E Timing Model
GLB Reg
Delay
I/O Pin
(Output)
ORP
Delay
0491
Feedback
Reg 4 PT Bypass
20 PT
XOR Delays
Control
PTs
Input
Register
Clock
Distribution
I/O Pin
(Input)
Y0
Y1,2,3
D
Q
GRP4
GLB Reg Bypass
ORP Bypass
DQ
RST
RE
OE
CK
I/O Reg Bypass
I/O Cell
ORP
GLB
GRP
I/O Cell
#23 - 27
#30
#35
#34
Comb 4 PT Bypass
#36 - 38
#55 - 58
#44 - 46
#54
#53
#47
#48
Reset
Ded. In
GOE 0,1
#28
#22
RST
#59
#59
#39
#40 - 43
#51, 52
#49, 50
GRP Loading
Delay
#29, 31 - 33
Derivations of
tsu, th and tco from the Product Term Clock1
=
=
=
=
tsu
2.2 ns
Logic + Reg su - Clock (min)
(
tiobp + tgrp4 + t20ptxor) + (tgsu) – (tiobp + tgrp4 + tptck(min))
(#22 + #30 + #37) + (#40) – (#22 + #30 + #46)
(0.3 + 2.0 + 5.0) + (0.1) – (0.3 + 2.0 + 2.9)
=
=
=
=
th
Clock (max) + Reg h - Logic
(
tiobp + tgrp4 + tptck(max)) + (tgh) – (tiobp + tgrp4 + t20ptxor)
(#22 + #30 + #46) + (#41) - (#22 + #30 + #37)
(0.3 + 2.0 + 4.0) + (4.5) – (0.3 + 2.0 + 5.0)
=
=
=
=
tco
Clock (max) + Reg co + Output
(
tiobp + tgrp4 + tptck(max)) + (tgco) + (torp + tob)
(#22 + #30 + #46) + (#42) + (#47 + #49)
(0.3 + 2.0 + 4.0) + (2.3) + (1.0 + 1.3)
Table 2-0042a/1032E
Derivations of
tsu, th and tco from the Clock GLB 1
=
=
=
=
tsu
Logic + Reg su - Clock (min)
(
tiobp + tgrp4 + t20ptxor) + (tgsu) – (tgy0(min) + tgco + tgcp(min))
(#22 + #30 + #37) + (#40) – (#54 + #42 + #56)
(0.3 + 2.0 + 5.0) + (0.1) – (1.4 + 2.3 + 0.8)
=
=
=
=
th
Clock (max) + Reg h - Logic
(
tgy0(max) + tgco + tgcp(max)) + (tgh) – (tiobp + tgrp4 + t20ptxor)
(#54 + #42 + #56) + (#41) – (#22 + #30 + #37)
(1.4 + 2.3 + 1.8) + (4.5) – (0.3 + 2.0 + 5.0)
=
=
=
=
tco
Clock (max) + Reg co + Output
(
tgy0(max) + tgco + tgcp(max)) + (tgco) + (torp + tob)
(#54 + #42 + #56) + (#42) + (#47 + #49)
(1.4 + 2.3 + 1.8) + (2.3) + (1.0 + 1.3)
3.5 ns
10.9 ns
2.9 ns
2.7 ns
5.5 ns
1. Calculations are based upon timing specifications for the ispLSI and pLSI 1032E-125.


Similar Part No. - ISP1032E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
More results

Similar Description - ISP1032E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com