Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT90P01 Datasheet(PDF) 7 Page - Micon Design Technology Corporation

Part # MDT90P01
Description  4-bit micro-controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT90P01 Datasheet(HTML) 7 Page - Micon Design Technology Corporation

Back Button MDT90P01_09 Datasheet HTML 3Page - Micon Design Technology Corporation MDT90P01_09 Datasheet HTML 4Page - Micon Design Technology Corporation MDT90P01_09 Datasheet HTML 5Page - Micon Design Technology Corporation MDT90P01_09 Datasheet HTML 6Page - Micon Design Technology Corporation MDT90P01_09 Datasheet HTML 7Page - Micon Design Technology Corporation MDT90P01_09 Datasheet HTML 8Page - Micon Design Technology Corporation MDT90P01_09 Datasheet HTML 9Page - Micon Design Technology Corporation MDT90P01_09 Datasheet HTML 10Page - Micon Design Technology Corporation MDT90P01_09 Datasheet HTML 11Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MDT90P01
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P. 7
2009/6 Ver. 1.1
Watchdog Timer control
Watchdog timer disable all the time
Watchdog timer enable all the time
Power Edge Detect
PED Disable
PED Enable
Security state
Security Disable
Security Enable
The default security state of EPROM is weak disable. Once the IC was set to
enable or disable, it’s forbidden to change.
(B) Program Memory
Address
Description
000-1FF
Program memory
000
The starting address of power on , pin change or WDT time-out reset.
9. Reset Condition for all Registers
Register
Address
Power-On Reset
WDT Reset
CPIOB
- -
1111
1111
TMRH
- -
1111
1111
TMRL
- -
1111
1111
RTCCL
01h
xxxx
uuuu
PC
02h
0000
0000
STATUSL
03h
1xx1
#uu#
STATUSH
04h
0000
0000
IODS
05h
0000
0000
PORT B
06h
xxxx
uuuu
RTCCH
07h
xxxx
uuuu
Note : u=unchanged, x=unknown, - =unimplemented, read as “0”
#=value depends on the condition of the following table


Similar Part No. - MDT90P01_09

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT90P01ST2611 MDTIC-MDT90P01ST2611 Datasheet
131Kb / 11P
   4-bit micro-controller
More results

Similar Description - MDT90P01_09

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT90P01 MDTIC-MDT90P01 Datasheet
131Kb / 11P
   4-bit micro-controller
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3504 NJRC-NJU3504 Datasheet
1Mb / 62P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3505 NJRC-NJU3505 Datasheet
2Mb / 64P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
ELAN Microelectronics C...
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com