Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT13P02 Datasheet(PDF) 5 Page - Micon Design Technology Corporation

Part # MDT13P02
Description  8-bit data bus
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT13P02 Datasheet(HTML) 5 Page - Micon Design Technology Corporation

  MDT13P02 Datasheet HTML 1Page - Micon Design Technology Corporation MDT13P02 Datasheet HTML 2Page - Micon Design Technology Corporation MDT13P02 Datasheet HTML 3Page - Micon Design Technology Corporation MDT13P02 Datasheet HTML 4Page - Micon Design Technology Corporation MDT13P02 Datasheet HTML 5Page - Micon Design Technology Corporation MDT13P02 Datasheet HTML 6Page - Micon Design Technology Corporation MDT13P02 Datasheet HTML 7Page - Micon Design Technology Corporation MDT13P02 Datasheet HTML 8Page - Micon Design Technology Corporation MDT13P02 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MDT13P02
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 6
2011/9 Ver. 1.1
(1) IAR (Indirect Address Register): R00
Addressing this location will use the content of MSR to address data memory (not a physical register)
(2) TMR0: R01
(3) PC (Program Counter): R02, R0A
(4) STATUS (Status register): R03
Bit
Symbol
Function
0
C
Carry bit
1
HC
Half Carry bit
2
Z
Zero bit
3
/PF
Power down bit
4
/TF
WDT timer overflow bit
5
RP0
Register Bank select bit
0: 00h~7Fh (Bank0)
1: 80h~FFh (Bank1)
7~6
--
General purpose bit
(5) MSR (Memory Bank Select Register): R04
Memory Bank Select Register:
0: 00h~7Fh (Bank0)
1: 80h~FFh (Bank1)
b7
b6
b5
b4
b3
b2
b1
b0
Indirect Addressing Mode
(6) PORT A: R05
PA7~PA0, PORTA data register
(7) PORT B: R06
PB7~PB0, PORTB data register
(8) PCHLAT: R0A
Write buffer for the upper 4 bits of the Program counter


Similar Part No. - MDT13P02

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT13P02 MDTIC-MDT13P02 Datasheet
106Kb / 14P
   MCU for USBPS/2
More results

Similar Description - MDT13P02

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68008 MOTOROLA-MC68008 Datasheet
927Kb / 36P
   16-Bit Microprocessor With 8-Bit Data Bus
logo
Mitsubishi Electric Sem...
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
logo
Mitsubishi Electric Sem...
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF365A-LCDATXX MITSUBISHI-MF365A-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com