Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P621 Datasheet(PDF) 9 Page - Micon Design Technology Corporation

Part # MDT10P621
Description  8-bit micro-controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P621 Datasheet(HTML) 9 Page - Micon Design Technology Corporation

Back Button MDT10P621 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 11Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 12Page - Micon Design Technology Corporation MDT10P621 Datasheet HTML 13Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MDT10P621(BB)
This specification are subject to be changed without notice. Any latest information
please preview
(22) TMR (Time Mode Register) : R81
Bit
Symbol
Function
Prescaler Value
RTCC rate
WDT rate
2~0
PS2~0
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
3
PSC
Prescaler assignment bit :
0 — RTCC
1 — Watchdog Timer
4
TCE
RTCC signal Edge :
0 — Increment on low-to-high transition on RTCC pin
1 — Increment on high-to-low transition on RTCC pin
5
TCS
RTCC signal set :
0 — Internal instruction cycle clock
1 — Transition on RTCC pin
6
IES
Interrupt edge select
0 — Interrupt on falling edge on PB0
1 — Interrupt on rising edge on PB0
7
PBPH
PORTB pull-hi
0 — PORTB pull-hi are enable
1 — PORTB pull-hi are disable
(23) CPIO A (Control Port I/O Mode Register) : R85
=“0”, I/O pin in output mode;
=“1”, I/O pin in input mode.
(24) CPIO B (Control Port I/O Mode Register) : R86
=“0”, I/O pin in output mode;
=“1”, I/O pin in input mode.
(25) CPIO C (Control Port I/O Mode Register) : R87
=“0”, I/O pin in output mode;
=“1”, I/O pin in input mode.
http;//www.mdtic.com.tw
P.9
2008/7
Ver. 1.0


Similar Part No. - MDT10P621

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P621 MDTIC-MDT10P621 Datasheet
102Kb / 21P
   8-bit micro-controller
More results

Similar Description - MDT10P621

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com