Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P7212K12 Datasheet(PDF) 9 Page - Micon Design Technology Corporation

Part # MDT10P7212K12
Description  8-bit micro-controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P7212K12 Datasheet(HTML) 9 Page - Micon Design Technology Corporation

Back Button MDT10P7212K12 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P7212K12 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P7212K12 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P7212K12 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P7212K12 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P7212K12 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P7212K12 Datasheet HTML 11Page - Micon Design Technology Corporation MDT10P7212K12 Datasheet HTML 12Page - Micon Design Technology Corporation MDT10P7212K12 Datasheet HTML 13Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MDT10P7212
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 9
2011/3 VER1.4
(23) TMR (Time Mode Register): R81
Bit
Symbol
Function
Prescaler Value
RTCC rate
WDT rate
2~0
PS2~0
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
3
PSC
Prescaler assignment bit
0: RTCC
1: Watchdog Timer
4
TCE
RTCC signal edge
0: Increment on low-to-high transition on RTCC pin
1: Increment on high-to-low transition on RTCC pin
5
TCS
RTCC signal set
0: Internal instruction cycle clock
1: Transition on RTCC pin
6
IES
Interrupt edge select
0: Interrupt on falling edge on PB0
1: Interrupt on rising edge on PB0
7
PBPH
PORTB7~0 pull-hi
0: PORTB7~0 pull-hi are enable
1: PORTB7~0 pull-hi are disable
(24) CPIO A (Control Port I/O Mode Register): R85
“0”, I/O pin in output mode
“1”, I/O pin in input mode
(25) CPIO B (Control Port I/O Mode Register): R86
“0”, I/O pin in output mode
“1”, I/O pin in input mode
(26) CPIO C (Control Port I/O Mode Register): R87
“0”, I/O pin in output mode
“1”, I/O pin in input mode


Similar Part No. - MDT10P7212K12

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P7212K12 MDTIC-MDT10P7212K12 Datasheet
100Kb / 14P
   8-bit micro-controller
More results

Similar Description - MDT10P7212K12

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com