Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P257P11 Datasheet(PDF) 10 Page - Micon Design Technology Corporation

Part # MDT10P257P11
Description  8-bit micro-controlle
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P257P11 Datasheet(HTML) 10 Page - Micon Design Technology Corporation

Back Button MDT10P257P11 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 11Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 12Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 13Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 14Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MDT10P257
This specification are subject to be changed without notice. Any latest information please visit our web
site
(http;//www.mdtic.com.tw) for detail
P.
10
2011/02
VER 1.1
(B) Input Voltage
@ Vdd=5.0 V, Temperature=25 ℃
Port
Min.
Max.
Vil
PA, PB, PC
RTCC, /MCLR
Vss
Vss
1.0 V
1.0 V
Vih
PA, PB, PC
RTCC, /MCLR
2.0 V
3.3 V
Vdd
Vdd
Threshold Voltage :
Port A, Port B, Port C Vth=1.5 V
RTCC, /MCLR Vil=1.2 V, Vih=3.1V (Schmitt Trigger)
(C) Output Voltage
@ Vdd=5.0 V, Temperature=25
, the typical value as followings :
PA, PB, PC Port
Ioh=-20.0 mA
Voh=3.40 V
Iol=20.0 mA
Vol=0.50 V
Ioh=-5.0 mA
Voh=4.50 V
Iol=5.0 mA
Vol=0.20 V
(D) Leakage Current
@ Vdd=5.0 V, Temperature=25
, the typ
ical value as followings :
Iil
0.1
μA (Max.)
Iih
0.1
μA (Max.)
(E) Sleep Current
@WDT-Disable, Temperature=25
, the typical value as followings :
Vdd=2.3 V
Idd<1.0 μA
Vdd=3.0 V
Idd<1.0 μA
Vdd=4.0 V
Idd<1.0 μA
Vdd=5.0 V
Idd<1.0 μA
Vdd=6.0 V
Idd<1.0 μA


Similar Part No. - MDT10P257P11

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P258 MDTIC-MDT10P258 Datasheet
211Kb / 17P
   8-bit micro-controller
MDT10P258P11 MDTIC-MDT10P258P11 Datasheet
211Kb / 17P
   8-bit micro-controller
MDT10P258S11 MDTIC-MDT10P258S11 Datasheet
211Kb / 17P
   8-bit micro-controller
MDT10P258SS11 MDTIC-MDT10P258SS11 Datasheet
211Kb / 17P
   8-bit micro-controller
More results

Similar Description - MDT10P257P11

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P74BB MDTIC-MDT10P74BB Datasheet
271Kb / 24P
   8-bit micro-controlle
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com