Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P257P11 Datasheet(PDF) 5 Page - Micon Design Technology Corporation

Part # MDT10P257P11
Description  8-bit micro-controlle
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P257P11 Datasheet(HTML) 5 Page - Micon Design Technology Corporation

  MDT10P257P11 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P257P11 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MDT10P257
This specification are subject to be changed without notice. Any latest information please visit our web
site
(http;//www.mdtic.com.tw) for detail
P.
5
2011/02
VER 1.1
(9) TMR (Time Mode Register)
Bit
Symbol
Function
Prescaler Value
RTCC rate
WDT rate
2—0
PS2—0
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
3
PSC
Prescaler assignment bit :
0 — RTCC
1 — Watchdog Timer
4
TCE
RTCC signal Edge :
0 — Increment on low-to-high transition on RTCC pin
1 — Increment on high-to-low transition on RTCC pin
5
TCS
RTCC signal set :
0 — Internal instruction cycle clock
1 — Transition on RTCC pin
6
PHEN
Global Pull High Enable set :
0 — Enable weak internal Pull High
1 — Disable weak internal Pull High
This bit will be ignored if the “I/O pull-hi” is disable in user
option.
7
WDTEN
Watchdog timer Enable set :
0 — Enable WDT
1 — Disable WDT
(10) CPIO A, CPIO B, CPIO C (Control Port I/O Mode Register)
The CPIO register is “write-only”
“0”, I/O pin in output mode;
“1”, I/O pin in input mode.
(11) Set Pull hi mode
The Pull hi register is “write-only”
“0”, Disable I/O pin Pull hi
“1”, Enable I/O pin Pull hi
Do the CPIO instructions twice within three instructions on the same I/O port, then
the second CPIO instruction will set the corresponding pull-hi of I/O pins to enable
when global pull high Enable.
Correct instruction sequence to enable pull-high
Ex1:
LDWI 0FFH
CPIO 06H
←First:set PortB I/O
LDWI 0FH
←Second


Similar Part No. - MDT10P257P11

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P258 MDTIC-MDT10P258 Datasheet
211Kb / 17P
   8-bit micro-controller
MDT10P258P11 MDTIC-MDT10P258P11 Datasheet
211Kb / 17P
   8-bit micro-controller
MDT10P258S11 MDTIC-MDT10P258S11 Datasheet
211Kb / 17P
   8-bit micro-controller
MDT10P258SS11 MDTIC-MDT10P258SS11 Datasheet
211Kb / 17P
   8-bit micro-controller
More results

Similar Description - MDT10P257P11

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P74BB MDTIC-MDT10P74BB Datasheet
271Kb / 24P
   8-bit micro-controlle
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com