Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P432S11 Datasheet(PDF) 5 Page - Micon Design Technology Corporation

Part # MDT10P432S11
Description  8-bit Micro-controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P432S11 Datasheet(HTML) 5 Page - Micon Design Technology Corporation

  MDT10P432S11 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P432S11 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P432S11 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P432S11 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P432S11 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P432S11 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P432S11 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P432S11 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P432S11 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MDT10P432
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
5 of 13
2010.8
Ver. 1.5
(1) IAR ( Indirect Address Register) : R0
(2) PC (Program Counter) : R2
Write PC, CALL --- always 0
LJUMP, JUMP, LCALL --- from instruction word
RTIW, RET --- from STACK
A9
A8
A7~A0
Write PC, JUMP, CALL --- from STATUS b5
LJUMP, LCALL --- from instruction word
RTIW, RET --- from STACK
Write PC --- from ALU
LJUMP, JUMP, LCALL, CALL --- from instruction word
RTIW, RET --- from STACK
(3) STATUS (Status register) : R3
Bit
Symbol
Function
0
1
2
3
4
5
7 - 6
C
HC
Z
/PF
/LPT
——
——
Carry bit
Half Carry bit
Zero bit
Power loss Flag bit
Low power detect
=0 : Vdd is lower than 2.1 ~ 2.3V
=1 : Vdd is higher than 2.1 ~ 2.3V
General purpose bit
Carrier frequency control bits
=00 No carrier (default)
=01 Fosc/8, 1/2 duty
=10 Fosc/12, 1/2 duty
=11 Fosc/12, 1/3 duty (1/3 – Hi ; 2/3 - Low)
(4) MSR (Memory Select Register) : R4
(5) PORT A : R5
Bit 7-0 : Port A data input
(6) PORT B : R6
Bit 7-1
: PB7-PB1 output register (open drain output)
Bit 0
: PB0 output register (CMOS output)


Similar Part No. - MDT10P432S11

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P43 MDTIC-MDT10P43 Datasheet
351Kb / 10P
   8-bit Micro-controller
MDT10P43 MDTIC-MDT10P43 Datasheet
345Kb / 10P
   8-bit Micro-controller
MDT10P43P11 MDTIC-MDT10P43P11 Datasheet
351Kb / 10P
   8-bit Micro-controller
MDT10P43P21 MDTIC-MDT10P43P21 Datasheet
351Kb / 10P
   8-bit Micro-controller
MDT10P43S11 MDTIC-MDT10P43S11 Datasheet
351Kb / 10P
   8-bit Micro-controller
More results

Similar Description - MDT10P432S11

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com