Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P74P11 Datasheet(PDF) 6 Page - Micon Design Technology Corporation

Part # MDT10P74P11
Description  8-bit micro-controlle
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P74P11 Datasheet(HTML) 6 Page - Micon Design Technology Corporation

Back Button MDT10P74P11 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P74P11 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P74P11 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P74P11 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P74P11 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P74P11 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P74P11 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P74P11 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P74P11 Datasheet HTML 10Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MDT10P74(BB)
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 6
2010/10 Ver. 1.8
(5) MSR (Memory Bank Select Register): R04
Memory Bank Select Register
0: 00h~7Fh (Bank0)
1: 80h~FFh (Bank1)
b7
b6
b5
b4
b3
b2
b1
b0
Indirect Addressing Mode
(6) PORT A: R05
PA5~PA0, I/O Register
(7) PORT B: R06
PB7~PB0, I/O Register
(8) PORT C: R07
PC7~PC0, I/O Register
(9) PORT D: R08
PD7~PD0, I/O Register
(10) PORT E: R09
PE2~PE0, I/O Register
(11) PCHLAT: R0A
(12) INTS (Interrupt Status Register): R0B
Bit
Symbol
Function
0
RBIF
PORT B change interrupt flag, Set when PB <7:4> inputs change
1
INTF
Set when INT interrupt occurs
2
TIF
Set when TMR0 overflows
3
RBIE
0: Disable PB change interrupt
1: Enable PB change interrupt
4
INTS
0: Disable INT interrupt
1: Enable INT interrupt
5
TIS
0: Disable TMR0 interrupt
1: Enable TMR0 interrupt
6
PEIE
0: Disable all peripheral interrupt
1: Enable all peripheral interrupt
7
GIS
0: Disable global interrupt
1: Enable global interrupt


Similar Part No. - MDT10P74P11

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P74P11 MDTIC-MDT10P74P11 Datasheet
246Kb / 24P
   8-bit micro-controller
More results

Similar Description - MDT10P74P11

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P257 MDTIC-MDT10P257 Datasheet
208Kb / 18P
   8-bit micro-controlle
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com