Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC1G07 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74ALVC1G07
Description  Single Buffer / Driver with Open Drain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVC1G07 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74ALVC1G07 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVC1G07 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVC1G07 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVC1G07 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVC1G07 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVC1G07 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVC1G07 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVC1G07 Datasheet HTML 10Page - Hitachi Semiconductor HD74ALVC1G07 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HD74ALVC1G07
7
測定波形
Vref
VL
VIH
t / t
rf
VL = VOL+0.15 V
VL = VOL+0.1 V
VL = VOL+0.15 V VL = VOL+0.3 V
V
CC
V
CC
V
CC
2.0 ns
2.0 ns
2.5 ns
2.5 ns
2.7 V
50%
50%
50%
1.5 V
V
= 2.5
±0.2 V
CC
V
= 3.3
±0.3 V
CC
V
= 1.8
±0.15 V
CC
V
= 1.2 V,
1.5
±0.1 V
CC
1.
: PRR = 10 MHz, duty cycle 50%
10%
VIH
GND
Vref
t r
90%
10%
Vref
t f
90%
t ZL
t LZ
VOH
VOL
Vref
VL


Similar Part No. - HD74ALVC1G07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
   Single Buffer / Driver with Open Drain
HD74ALVC1G07VSE RENESAS-HD74ALVC1G07VSE Datasheet
73Kb / 7P
   Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
   Single Buffer / Driver with Open Drain
More results

Similar Description - HD74ALVC1G07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
   Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
   Single Buffer / Driver with Open Drain
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
   Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74LX1G07 STMICROELECTRONICS-74LX1G07_08 Datasheet
422Kb / 20P
   Single buffer/driver with open drain
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
114Kb / 10P
   SINGLE BUFFER/DRIVER (OPEN DRAIN)
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com