Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA9259D Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # KA9259D
Description  5-Channel Motor Drive IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA9259D Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button KA9259D Datasheet HTML 5Page - Fairchild Semiconductor KA9259D Datasheet HTML 6Page - Fairchild Semiconductor KA9259D Datasheet HTML 7Page - Fairchild Semiconductor KA9259D Datasheet HTML 8Page - Fairchild Semiconductor KA9259D Datasheet HTML 9Page - Fairchild Semiconductor KA9259D Datasheet HTML 10Page - Fairchild Semiconductor KA9259D Datasheet HTML 11Page - Fairchild Semiconductor KA9259D Datasheet HTML 12Page - Fairchild Semiconductor KA9259D Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
KA9259D(KA9259HD)
9
• The VREFBG is the output voltage of the band-gap-referenced biasing circuit and is the reference voltage of the regulator.
• The external circuit is composed of the transistor(PNP), KSB772 and a capacitor(C1), 100
µF, and the capacitor is used as a
ripple eliminator and should have a good temperature characteristics.
• The output voltage, VOUT is decided as follows.
4. Loading Motor Driver
4.1 Truth table and Operation
• The input voltages of (5V and 0V) or (0V and 5V) pairs are applied to the input pin #9 and #14 respectively.
• When the input voltages are applied to the input pin #9 and #14, then the output of the comparator is decided depends on the
input voltage status.
• As shown in the above diagram, the difference voltage,
∆V, is applied to the both terminals of the motor. The direction of
the motor is decided by the voltage difference, +
∆V and −∆V.
• The output characteristics is as follows,
- If pin # 9=5V and #14=0V, then pin # 15=+
∆V and #16= −∆V, hence the motor turn in forward direction.
- If pin # 9=0V and #14=5V, then pin # 15=
−∆V and #16=+∆V, hence the motor turn in reverse direction.
- If pin # 9=5V and #14=5V, then
∆V=0V, hence the motor stop.
- If pin # 9=0V and #14=0V, then
∆V=0V, hence the motor stop.
4.2 Loading Motor Speed Control
• If the torque of the loading motor is too low when it is used with the pin #20 open, then it should used as the above diagram.
• The desired torque could be obtained by selecting the appropriate resistor R as shown in the left diagram.
• If it is necessary, the zener diode can be used as in the right diagram.
• The maximum torque is obtained when the applied voltage at pin #20 is about 6.8V (at VCC=8V).
INPUT
OUTPUT
PIN9(DI5.1)
PIN14(DI5.2)
PIN15(DO5.1)
PIN16 (DO5.2)
State
LLL
L
Brake
HLH
L
Forward
L
H
L
H
Reverse
HH
L
L
Brake
3
2
,
]
[
5
5
.
2
2
)
3
2
1
(
R
R
Where
V
V
R
R
V
REFBG
OUT
=
=
×
=
+
=
Q1
Q2
Q3
Q4
21
Buffer
Buffer
Loading Motor Driver
15
16
13
9
14
M
Level
Shift
Speed
Control
Circuit
Input
Control
Logic
DI5.1
DI5.2
20
VCC
R
D
∆V
∆V


Similar Part No. - KA9259D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
More results

Similar Description - KA9259D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
   5-CH Motor Drive IC
logo
Interpion semiconductor
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
   5-CH MOTOR DRIVE IC
IP4504A INTERPION-IP4504A Datasheet
129Kb / 5P
   5-CH MOTOR DRIVE IC
IP9004 INTERPION-IP9004 Datasheet
173Kb / 12P
   5-CH MOTOR DRIVE IC
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
   5-CH MOTOR DRIVE IC
IP4001 INTERPION-IP4001 Datasheet
705Kb / 23P
   5-CH MOTOR DRIVE IC
logo
Fairchild Semiconductor
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8038B FAIRCHILD-FAN8038B Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com