Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KBL0
Description  4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KBL0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KBL0 Datasheet HTML 1Page - List of Unclassifed Manufacturers KBL0 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE
50 to 1000 Volts PRV
CURRENT
4.0 Amperes
FEATURES
Plastic material has Underwriters Laboratory
flammability classification 94V-0
Low leakage.
Surge overload rating - 200 amperes peak.
Ideal for printed circuit boards.
Exceeds environmental standards of
MIL - STD - 19500.
MECHANICAL DATA
: Reliable low cost construction utilizing
: moulded plastic technique results in
: inexpensive product.
: Leads, solderable per MIL - STD - 202,
: Method 208.
: Polarity symbols printed on body.
: 0.2 ounce, 5.6 grams.
Case
Terminals
Polarity
Weight
Dimensions in millimetres
16.4
15.2
19.0
min
19.6
18.5
Ø 1.3
5.6
4.6
6.5
6.0
2.1
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.For capacitive load, derate current by 20%.
KBL005
Maximum Recurrent Peak Reverse Voltage
Maximum Bridge Input Voltage RMS
Maximum DC Blocking Voltage
Maximum Average Forward Current at
TA = 50 °C
Peak Forward Surge Current, 8.3 ms single
half sine - wave superimposed on rated load
KBL01
KBL02
KBL04
KBL06
50
50
100
100
200
200
400
400
600
600
800
800
1000
1000
35
70
140
280
420
560
700
4.0
200
TA = 25°C
Storage Temperature Range
Maximum Forward Voltage Drop
per Element at 3.0A
Maximum Reverse Current at Rated DC
Blocking Voltage per Element
Operating Temperature Range
1.0
10.0
1.0
- 55 to + 125
- 55 to + 150
KBL08
VRRM
VRMS
VDC
IF(AV)
IFSM
IR
TJ
TSTG
VF
(see Fig 2)
(see Fig 1)
(see Fig 3)
(see Fig 4)
V
V
A
A
V
V
µA
mA
°C
°C
TC = 100°C
KBL10
+~ ~ ±
KBL0 SERIES
4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
Reformatted by Anglia 9851
E-MAIL: info@angliac.com
WEB: www.angliac.com


Similar Part No. - KBL0

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
KBL00 DEC-KBL00 Datasheet
349Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
logo
Surge Components
KBL005 SURGE-KBL005 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
KBL005 VISHAY-KBL005 Datasheet
102Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
SynSemi, Inc.
KBL005 SYNSEMI-KBL005 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Semtech Corporation
KBL005 SEMTECH-KBL005 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
More results

Similar Description - KBL0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBL005 ETC-KBL005 Datasheet
26Kb / 2P
   4.0 A Single-Phase Silicon Bridge Rectifier
2003 SEP ELECTRONIC CORP.
KBPC3500 ETC1-KBPC3500 Datasheet
142Kb / 2P
   35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC100 ETC-KBPC100 Datasheet
119Kb / 2P
   3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC2500-BR250 ETC-KBPC2500-BR250 Datasheet
124Kb / 2P
   25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
MSB407S RECTRON-MSB407S Datasheet
135Kb / 6P
   VOLTAGE RANGE 1000 Volts CURRENT 4.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-07 REV:D
logo
First Components Intern...
KBU400 FCI-KBU400 Datasheet
171Kb / 2P
   4.0 Amp SINGLE PHASE SILICON BRIDGE
KBL400 FCI-KBL400 Datasheet
125Kb / 2P
   4.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Fairchild Semiconductor
KBL005 FAIRCHILD-KBL005 Datasheet
28Kb / 2P
   4.0 Ampere Silicon Bridge Rectifiers
logo
Rectron Semiconductor
MSB407SH RECTRON-MSB407SH Datasheet
125Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 800 Volts CURRENT 4.0 Ampere
2019-09 REV:O
logo
Fairchild Semiconductor
KBU4A FAIRCHILD-KBU4A Datasheet
59Kb / 4P
   4.0 Ampere Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com