Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1502 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1502
Description  Integrated Circuit 5-Step LED Driver Circuit for Linear Response
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1502 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1502 Datasheet HTML 1Page - NTE Electronics NTE1502 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, VCC = 16V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Load Current
Pin6
I6
VO = 1.2V, I7 = 4.25mA
13
16
mA
Pin1 to Pin4
I1 to I4
VO = 2.5V, I7 = 4.25mA
13
16
mA
Pin1 to Pin4, Pin6
I1 to I4, I6 VO = 16V, I7 = 4.25mA
16
19
mA
Input Current
I8
V8–5 = 8.5V
50
µA
V8–5 = 16V
5
mA
Supply Current
I9
V8–5 = 16V
18
mA
Output Pin Leakage Current
I1 to I4, I6 VO = 16V
15
µA
VCC
LED 5
LED 4
Pin Connection Diagram
(Front View)
Input
Output Current Adjust
LED 2
GND
LED 1
LED 3
9
8
7
6
5
4
3
2
1
19
.929 (23.6)
.118 (3.0)
.100 (2.54)
.118(3.0)
.236
(6.0)
.098
(2.5)


Similar Part No. - NTE1502

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15020E NTE-NTE15020E Datasheet
54Kb / 2P
   Integrated Circuit Protector
NTE15021 NTE-NTE15021 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE15021E NTE-NTE15021E Datasheet
54Kb / 2P
   Integrated Circuit Protector
NTE15022E NTE-NTE15022E Datasheet
54Kb / 2P
   Integrated Circuit Protector
NTE15023 NTE-NTE15023 Datasheet
25Kb / 3P
   Integrated Circuit dbx TV Noise Reduction Integrated Circuit
More results

Similar Description - NTE1502

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1503 NTE-NTE1503 Datasheet
20Kb / 2P
   Integrated Circuit 5-Step LED Driver Circuit for Logarithmic Response
NTE1510 NTE-NTE1510 Datasheet
19Kb / 2P
   Integrated Circuit 5-Step LED Driver for Linear Scale
NTE1511 NTE-NTE1511 Datasheet
25Kb / 3P
   Integrated Circuit 5-Step LED Driver for Linear Scale
NTE1519 NTE-NTE1519 Datasheet
19Kb / 2P
   Integrated Circuit 10-Step LED Driver Circuit for Linear Scale
NTE1514 NTE-NTE1514 Datasheet
25Kb / 3P
   Integrated Circuit 5-Step LED Driver for Logarithmic Scale
NTE1500 NTE-NTE1500 Datasheet
22Kb / 3P
   Integrated Circuit 7-Step LED Driver Circuit
NTE1513 NTE-NTE1513 Datasheet
24Kb / 3P
   Integrated Circuit 9-Step LED Driver Circuit for Logarithmic Scale
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
logo
KEC(Korea Electronics)
KIA6966S KEC-KIA6966S Datasheet
62Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 DOT LED LEVEL METER)
logo
NTE Electronics
NTE876 NTE-NTE876 Datasheet
26Kb / 2P
   Linear Integrated Circuit LED Flasher/Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com