Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N330 Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # 1N330
Description  50W Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N330 Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  1N330_17 Datasheet HTML 1Page - Naina Semiconductor ltd. 1N330_17 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
1N3305 thru
1N3350
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
50W Zener Diodes
Zener impedance is derived from 60Hz AC voltage which results when AC current RMS value (which equals 10% of the
DC zener current) is superimposed on IZ
IZM values are derived for a ±5% VZ tolerance
Standard voltage tolerances are ±5% (B suffix), ±10% (A suffix) & ±20% (no suffix)
Electrical Characteristics (TC = 25OC unless otherwise specified)
Type
number
Nominal Zener
Voltage VZ@IZT
(Volts)
Zener Test
Current IZT
(mA)
Max Zener Impedance
Max DC Zener
Current
IZM
(mA)
Typical Temp.
Coeff.
aVZ
(%/OC)
Max Reverse
Current
ZZT@IZT
(Ohms)
ZZK@5mA(IZK)
(Ohms)
IR
(µA)
VR
(Volts)
1N3305B
1N3306B
1N3307B
1N3308B
1N3309B
1N3310B
6.8
7.5
8.2
9.1
10.0
11.0
1850
1700
1500
1370
1200
1100
0.20
0.30
0.40
0.50
0.60
0.80
70
70
70
70
80
80
6600
5900
5200
4800
4300
3900
0.040
0.045
0.048
0.051
0.055
0.060
300
125
50
25
25
10
4.5
5.0
5.4
6.1
6.7
8.4
1N3311B
1N3312B
1N3313B
1N3314B
1N3315B
1N3316B
12.0
13.0
14.0
15.0
16.0
17.0
1000
960
890
830
780
740
1.00
1.10
1.20
1.40
1.60
1.80
80
80
80
80
80
80
3800
3300
3000
2800
2650
2500
0.065
0.065
0.070
0.070
0.070
0.075
10
10
10
10
10
10
9.1
9.9
11.4
11.4
12.2
13.0
1N3317B
1N3318B
1N3319B
1N3320B
1N3321B
1N3322B
18.0
19.0
20.0
22.0
24.0
25.0
700
660
630
570
520
500
2.00
2.20
2.40
2.50
2.60
2.70
80
80
80
80
80
90
2300
2200
2100
1900
1750
1550
0.075
0.075
0.075
0.080
0.080
0.080
10
10
10
10
10
10
13.7
13.7
15.2
16.7
18.2
18.2
1N3323B
1N3324B
1N3325B
1N3326B
1N3327B
1N3328B
27.0
30.0
33.0
36.0
39.0
43.0
460
420
380
350
320
290
2.80
3.00
3.20
3.50
4.00
4.50
90
90
90
90
90
90
1500
1400
1300
1150
1050
975
0.085
0.085
0.085
0.085
0.090
0.090
10
10
10
10
10
10
20.6
22.8
25.1
27.4
29.7
32.7
1N3329B
1N3330B
1N3331B
1N3332B
1N3333B
1N3334B
1N3335B
45.0
47.0
50.0
51.0
52.0
56.0
62.0
280
270
250
245
240
220
200
4.50
5.00
5.00
5.20
5.50
6.00
7.00
100
100
100
100
100
110
120
930
880
830
810
790
740
660
0.090
0.090
0.090
0.090
0.090
0.090
0.090
10
10
10
10
10
10
10
32.7
35.8
36.0
38.8
42.6
42.6
47.1
1N3336B
1N3337B
1N3338B
1N3339B
1N3340B
1N3341B
1N3342B
68.0
75.0
82.0
91.0
100.0
105.0
110.0
180
170
150
140
120
120
110
8.00
9.00
11.00
15.00
20.00
25.00
30.00
140
150
160
180
200
210
220
600
540
490
420
400
380
365
0.090
0.090
0.090
0.090
0.090
0.095
0.095
10
10
10
10
10
10
10
51.7
56.0
62.2
69.2
76.0
83.0
83.0
1N3343B
1N3344B
1N3345B
1N3346B
1N3347B
1N3348B
1N3349B
1N3350B
120.0
130.0
140.0
150.0
160.0
175.0
180.0
200.0
100
95
90
85
80
70
68
65
40.00
50.00
60.00
75.00
80.00
85.00
90.00
100.0
240
275
325
400
450
500
525
600
335
310
290
270
250
230
220
200
0.095
0.095
0.095
0.095
0.095
0.095
0.095
0.100
10
10
10
10
10
10
10
10
91.2
99.8
114.0
114.0
121.6
121.6
136.8
152.0


Similar Part No. - 1N330_17

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N3305 MOTOROLA-1N3305 Datasheet
145Kb / 4P
   ZENER DIODES
logo
Naina Semiconductor ltd...
1N3305 NAINA-1N3305 Datasheet
203Kb / 1P
   50W ZENER(DO5)
1N3305 NAINA-1N3305 Datasheet
109Kb / 1P
   Zener Diodes
logo
New Jersey Semi-Conduct...
1N3305 NJSEMI-1N3305 Datasheet
227Kb / 2P
   50 WATTS ZENER DIODES
1N3305 NJSEMI-1N3305 Datasheet
180Kb / 1P
   ZENER DIODES
More results

Similar Description - 1N330_17

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
1N3305 AMERICASEMI-1N3305 Datasheet
1Mb / 2P
   50W Zener Diodes
logo
Naina Semiconductor ltd...
1N3305B NAINA-1N3305B Datasheet
203Kb / 1P
   50W ZENER(DO5)
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com