Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ8.0A Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # SMCJ8.0A
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SMCJ8.0A Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  SMCJ8.0A Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SMCJ8.0A Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD SMCJ8.0A Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD SMCJ8.0A Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD SMCJ8.0A Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppressors
Electrical Characteristics (TA=25℃)
Part Number
marking code Reverse
Stand-Off
Voltage
Breakdown
Voltage
VBR(Volts)@IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional
Bidirectional
Uni
Bi
VRWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
IR(μA)
SMCJ5.0A
SMCJ5.0CA GDE
BDE
5.0
6.40
7.00
10
9.2
163.0
800
SMCJ6.0A
SMCJ6.0CA GDG BDG
6.0
6.67
7.37
10
10.3
145.7
800
SMCJ6.5A
SMCJ6.5CA GDK
BDK
6.5
7.22
7.98
10
11.2
134.0
500
SMCJ7.0A
SMCJ7.0CA GDM BDM
7.0
7.78
8.60
10
12.0
125.0
200
SMCJ7.5A
SMCJ7.5CA GDP
BDP
7.5
8.33
9.21
1
12.9
116.3
100
SMCJ8.0A
SMCJ8.0CA GDR
BDR
8.0
8.89
9.83
1
13.6
110.3
50
SMCJ8.5A
SMCJ8.5CA GDT
BDT
8.5
9.44 10.40
1
14.4
104.2
20
SMCJ9.0A
SMCJ9.0CA GDV
BDV
9.0
10.0 11.10
1
15.4
97.4
10
SMCJ10A
SMCJ10CA
GDX
BDX
10.0
11.1
12.3
1
17.0
88.3
5
SMCJ11A
SMCJ11CA
GDZ
BDZ
11.0
12.2
13.5
1
18.2
82.5
1
SMCJ12A
SMCJ12CA
GEE
BEE
12.0
13.3
14.7
1
19.9
75.4
1
SMCJ13A
SMCJ13CA GEG
BEG
13.0
14.4
15.9
1
21.5
69.8
1
SMCJ14A
SMCJ14CA
GEK
BEK
14.0
15.6
17.2
1
23.2
64.7
1
SMCJ15A
SMCJ15CA GEM BEM
15.0
16.7
18.5
1
24.4
61.5
1
SMCJ16A
SMCJ16CA
GEP
BEP
16.0
17.8
19.7
1
26.0
57.7
1
SMCJ17A
SMCJ17CA
GER
BER
17.0
18.9
20.9
1
27.6
54.4
1
SMCJ18A
SMCJ18CA
GET
BET
18.0
20.0
22.1
1
29.2
51.4
1
SMCJ20A
SMCJ20CA
GEV
BEV
20.0
22.2
24.5
1
32.4
46.3
1
SMCJ22A
SMCJ22CA
GEX
BEX
22.0
24.4
26.9
1
35.5
42.3
1
SMCJ24A
SMCJ24CA
GEZ
BEZ
24.0
26.7
29.5
1
38.9
38.6
1
SMCJ26A
SMCJ26CA
GFE
BFE
26.0
28.9
31.9
1
42.1
35.7
1
SMCJ28A
SMCJ28CA
GFG
BFG
28.0
31.1
34.4
1
45.4
33.1
1
SMCJ30A
SMCJ30CA
GFK
BFK
30.0
33.3
36.8
1
48.4
31.0
1
SMCJ33A
SMCJ33CA GFM
BFM
33.0
36.7
40.6
1
53.3
28.2
1
2
Table continues on next page
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - SMCJ8.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMCJ8.0A VISHAY-SMCJ8.0A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
HY ELECTRONIC CORP.
SMCJ8.0A HY-SMCJ8.0A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Dc Components
SMCJ8.0A DCCOM-SMCJ8.0A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ8.0A MCC-SMCJ8.0A Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ8.0A VISHAY-SMCJ8.0A Datasheet
98Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Mar-12
More results

Similar Description - SMCJ8.0A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com