Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306X Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC1306X
Description  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1306X Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1306X Datasheet HTML 7Page - Texas Instruments AMC1306X Datasheet HTML 8Page - Texas Instruments AMC1306X Datasheet HTML 9Page - Texas Instruments AMC1306X Datasheet HTML 10Page - Texas Instruments AMC1306X Datasheet HTML 11Page - Texas Instruments AMC1306X Datasheet HTML 12Page - Texas Instruments AMC1306X Datasheet HTML 13Page - Texas Instruments AMC1306X Datasheet HTML 14Page - Texas Instruments AMC1306X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
CLKIN
DOUT
Bitream not valid
(analog settling)
tISTART
DVDD
...
Valid bitstream
AVDD
Test Pattern
tASTART
CLKIN
DOUT
tCLKIN
tHIGH
tLOW
tD
tH
tr / tf
11
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734A – MARCH 2017 – REVISED JULY 2017
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The output of the Manchester encoded versions of the AMC1306Ex can change with every edge of CLKIN with a typical delay of 6 ns;
see the Manchester Coding Feature section for additional details.
7.11 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCLKIN
CLKIN clock frequency
4.5 V
≤ AVDD ≤ 5.5 V
5
21
MHz
3.0 V
≤ AVDD ≤ 5.5 V
5
20
tCLKIN
CLKIN clock period
4.5 V
≤ AVDD ≤ 5.5 V
47.6
200
ns
3.0 V
≤ AVDD ≤ 5.5 V
50
200
tHIGH
CLKIN clock high time
20
25
120
ns
tLOW
CLKIN clock low time
20
25
120
ns
tH
DOUT hold time after rising edge
of CLKIN
AMC1306Mx(1),
CLOAD = 15 pF
3.5
ns
tD
Rising edge of CLKIN to DOUT
valid delay
AMC1306Mx(1), CLOAD = 15 pF
15
ns
tr
DOUT rise time
10% to 90%, 2.7 V
≤ DVDD ≤ 3.6 V,
CLOAD = 15 pF
0.8
3.5
ns
10% to 90%, 4.5 V
≤ DVDD ≤ 5.5 V,
CLOAD = 15 pF
1.8
3.9
tf
DOUT fall time
90% to 10%, 2.7 V
≤ DVDD ≤ 3.6 V,
CLOAD = 15 pF
0.8
3.5
ns
90% to 10%, 4.5 V
≤ DVDD ≤ 5.5 V,
CLOAD = 15 pF
1.8
3.9
tISTART
Interface startup time
DVDD at 2.7 V (min) to DOUT valid with
AVDD
≥ 3.0 V
32
32
CLKIN
cycles
tASTART
Analog startup time
AVDD step to 3.0 V with DVDD
≥ 2.7 V,
0.1% settling
0.5
ms
Figure 1. Digital Interface Timing
Figure 2. Device Startup Timing


Similar Part No. - AMC1306X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306x TI1-AMC1306x Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306X TI1-AMC1306X Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
More results

Similar Description - AMC1306X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com