Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20D151K Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # 20D151K
Description  Metal Oxide Varistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

20D151K Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  20D151K Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 20D151K Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 20D151K Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20D Series
Metal Oxide Varistors (MOV) Data sheet
Features
·Wide operating voltage (V1mA) range from 18V to 1800V
·Fast responding to transient over-voltage
·Large absorbing transient energy capability
·Low clamping ratio and no follow-on current
·Meets MSL level 1, per J-STD-020
·Safety certification: UL1414,UL1449,CSA,VDE
·Operating Temperature:-40℃ ~ +85℃
·Storage Temperature:-40℃ ~ +125℃1
Applications
·Transistor, diode, IC, thyristor or triac semiconductor protection
·Surge protection in consumer electronics
·Surge protection in industrial electronics
·Surge protection in electronic home appliances, gas and petroleum appliances
·Relay and electromagnetic valve surge absorption
Description of Part Number
20
D 471 K
Nominal Varistor Voltage
471=470V
D: DISK
DISC DIAMETER 20 = 20MM
sales@huaandz.com
1
HUAAN LIMITED
www.huaandz.com
Tel:+86-755-27465585


Similar Part No. - 20D151K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20D151K ETC-20D151K Datasheet
61Kb / 5P
   VARISTOR
20D151K ETC-20D151K Datasheet
71Kb / 5P
   VARISTOR
logo
World Produts Inc.
20D151K WPI-20D151K Datasheet
1Mb / 65P
   Metal Oxide Varistors
logo
Socay Electornics Co., ...
20D151K SOCAY-20D151K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
Ruilongyuan Electronics...
20D151K RUILON-20D151K Datasheet
769Kb / 7P
   Metal Oxide Varistors
More results

Similar Description - 20D151K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com