Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS3655MMRNLT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMS3655MMRNLT
Description  5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS3655MMRNLT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMS3655MMRNLT Datasheet HTML 6Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 7Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 8Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 9Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 10Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 11Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 12Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 13Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Temperature (qC)
-50
0
50
100
150
200
0
5
10
15
20
25
LMS3
3.8 VIN
5.5 VIN
13.5 VIN
18 VIN
Temperature (qC)
0
5
10
15
20
25
30
35
40
0
0.05
0.1
0.15
0.2
0.25
LMS3
Temperature (qC)
-50
0
50
100
150
200
0
1
2
3
4
5
6
7
8
LMS3
LMS3655
Temperature (qC)
-50
0
50
100
150
200
0
2
4
6
8
10
LMS3
LMS3655
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
175
99%
100%
101%
102%
103%
104%
LMS3
Temperature (qC)
-40
10
60
110
160
350000
360000
370000
380000
390000
400000
410000
420000
430000
440000
450000
LMS3
10
LMS3655
SNAS744 – JULY 2017
www.ti.com
Product Folder Links: LMS3655
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.9 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 12 V, TA = 25ºC. Specified temperatures are ambient.
VIN = 12 V
Figure 1. Reference Voltage Drift
VIN = 12 V
Figure 2. Switching Frequency vs Temperature
VIN = 12 V
Figure 3. High-Side/Peak Current Limit for LMS3655
VIN = 12V
Figure 4. Low-Side/Valley Current Limit for LMS3655
VIN = 12 V
Figure 5. Short Circuit Average Input Current
for LMS3655
VIN = 12 V
Figure 6. Shutdown Current


Similar Part No. - LMS3655MMRNLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655MMRNLT TI1-LMS3655MMRNLT Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
More results

Similar Description - LMS3655MMRNLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655 TI1-LMS3655_17 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com