Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1800SBLRP Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # P1800SBLRP
Description  Protection Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P1800SBLRP Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  P1800SBLRP Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P1800SBLRP Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P1800SBLRP Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P1800SBLRP Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P1800SBLRP Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P1800SBLRP Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD P1800SBLRP Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD P1800SBLRP Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
P0080SALRP Thru P3500SCLRP
Surge Ratings
Series
Ipp
2x10µs
Ipp
8x20µs
Ipp
10x160µs
Ipp
10x560µs
Ipp
10x1000µs
Ipp
5x320µs
Ipp
5x310µs
Ipp
10x360µs
ITSM
50/60Hz
di/dt
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
A
150
150
90
50
45
75
75
75
20
500
B
250
250
150
100
80
100
100
125
25
500
C
500
400
200
150
100
200
200
175
30
500
Thermal Considerations
Package
DO-214AA/SMB
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Junction to Ambient on prited circuit
90
°C /W
Description of Part Number
P
0080
S
B
L RP
REEL PACK(2500PCS)
LEAD FREE
Ipp Rating(10x1000µs)A=45A B=80A C=100A
Package Type(DO-214AA)
Median Voltage
P=SIDACtor Protection Thyristor
4
Revised:February 25,2014
www.huaandz.com


Similar Part No. - P1800SBLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1800SBLRP LITTELFUSE-P1800SBLRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P1800SBLRP LITTELFUSE-P1800SBLRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
logo
HuaXinAn Electronics CO...
P1800SBLRP HUAXINAN-P1800SBLRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P1800SBLRP LITTELFUSE-P1800SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
P1800SBLRP LITTELFUSE-P1800SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P1800SBLRP

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SP1200SA KEXIN-SP1200SA Datasheet
1Mb / 2P
   Protection Thyristor
logo
HuaXinAn Electronics CO...
P0080EAL HUAXINAN-P0080EAL_14 Datasheet
617Kb / 7P
   Protection Thyristor
P3500LA HUAXINAN-P3500LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P2300LA HUAXINAN-P2300LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P0080EA HUAXINAN-P0080EA_V01 Datasheet
617Kb / 7P
   SIDACtor Protection Thyristor
P3100LA HUAXINAN-P3100LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P2600LA HUAXINAN-P2600LA_V01 Datasheet
328Kb / 4P
   SIDACtor Protection Thyristor
logo
Shanghai Leiditech Elec...
P0640SCMC LEIDITECH-P0640SCMC Datasheet
1Mb / 6P
   Over-voltage Protection Thyristor
logo
StarHope
SMB SPSEMI-SMB Datasheet
777Kb / 3P
   P thyristor for circuit protection
P0080L SPSEMI-P0080L Datasheet
754Kb / 3P
   P thyristor for circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com