Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1151-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC1151-Q1
Description  Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1151-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  CC1151-Q1 Datasheet HTML 1Page - Texas Instruments CC1151-Q1 Datasheet HTML 2Page - Texas Instruments CC1151-Q1 Datasheet HTML 3Page - Texas Instruments CC1151-Q1 Datasheet HTML 4Page - Texas Instruments CC1151-Q1 Datasheet HTML 5Page - Texas Instruments CC1151-Q1 Datasheet HTML 6Page - Texas Instruments CC1151-Q1 Datasheet HTML 7Page - Texas Instruments CC1151-Q1 Datasheet HTML 8Page - Texas Instruments CC1151-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
CC11x1-Q1
www.ti.com
SWRS076B – 11-07-22-013 - APRIL 2009 – REVISED APRIL 2010
1.6
Abbreviations
The following abbreviations are used in this data manual.
ACP
Adjacent Channel Power
MSK
Minimum Shift Keying
ADC
Analog-to-Digital Converter
N/A
Not Applicable
AFC
Automatic Frequency Compensation
NRZ
Non Return to Zero (Coding)
AGC
Automatic Gain Control
OOK
On-Off Keying
AMR
Automatic Meter Reading
PA
Power Amplifier
ASK
Amplitude Shift Keying
PCB
Printed Circuit Board
BER
Bit Error Rate
PD
Power Down
BT
Bandwidth-Time Product
PER
Packet Error Rate
CCA
Clear Channel Assessment
PLL
Phase-Locked Loop
CFR
Code of Federal Regulations
POR
Power-On Reset
CRC
Cyclic Redundancy Check
PQI
Preamble Quality Indicator
CS
Carrier Sense
PQT
Preamble Quality Threshold
CW
Continuous Wave (Unmodulated Carrier)
PTAT
Proportional To Absolute Temperature
DC
Direct Current
QLP
Quad Leadless Package
DVGA
Digital Variable Gain Amplifier
QPSK
Quadrature Phase Shift Keying
ESR
Equivalent Series Resistance
RC
Resistor Capacitor
FCC
Federal Communications Commission
RF
Radio Frequency
FEC
Forward Error Correction
RSSI
Received Signal Strength Indicator
FIFO
First In, First Out
RX
Receive, Receive Mode
FHSS
Frequency Hopping Spread Spectrum
SAW
Surface Acoustic Wave
2-FSK
Binary Frequency Shift Keying
SMD
Surface Mount Device
GFSK
Gaussian shaped Frequency Shift Keying
SNR
Signal-to-Noise Ratio
IF
Intermediate Frequency
SPI
Serial Peripheral Interface
I/Q
In-Phase/Quadrature
SRD
Short Range Devices
ISM
Industrial, Scientific, Medical
TBD
To Be Defined
LC
Inductor-Capacitor
T/R
Transmit/Receive
LNA
Low Noise Amplifier
TX
Transmit, Transmit Mode
LO
Local Oscillator
UHF
Ultra-High Frequency
LSB
Least-Significant Bit
VCO
Voltage Controlled Oscillator
LQI
Link Quality Indicator
WOR
Wake on Radio, Low power polling
MCU
Microcontroller Unit
XOSC
Crystal Oscillator
MSB
Most-Significant Bit
XTAL
Crystal
Copyright © 2009–2010, Texas Instruments Incorporated
Introduction
3
Submit Documentation Feedback


Similar Part No. - CC1151-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1151IRHBRG4Q1 TI-CC1151IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1151IRHBRG4Q1 TI1-CC1151IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1151QRHBRG4Q1 TI-CC1151QRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1151QRHBRG4Q1 TI1-CC1151QRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1151TRHBRG4Q1 TI-CC1151TRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
More results

Similar Description - CC1151-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101IRHBRG4Q1 TI-CC1101IRHBRG4Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1101-Q1 TI1-CC1101-Q1 Datasheet
1Mb / 94P
[Old version datasheet]   Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
Texas Instruments
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com