Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G80DCK Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AUP1G80DCK
Description  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G80DCK Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G80DCK Datasheet HTML 6Page - Texas Instruments SN74AUP1G80DCK Datasheet HTML 7Page - Texas Instruments SN74AUP1G80DCK Datasheet HTML 8Page - Texas Instruments SN74AUP1G80DCK Datasheet HTML 9Page - Texas Instruments SN74AUP1G80DCK Datasheet HTML 10Page - Texas Instruments SN74AUP1G80DCK Datasheet HTML 11Page - Texas Instruments SN74AUP1G80DCK Datasheet HTML 12Page - Texas Instruments SN74AUP1G80DCK Datasheet HTML 13Page - Texas Instruments SN74AUP1G80DCK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
SN74AUP1G80
SCES593F – JULY 2004 – REVISED JULY 2017
www.ti.com
Product Folder Links: SN74AUP1G80
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Switching Characteristics: CL = 15 pF (continued)
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
CLK
Q
VCC = 0.8 V
TA = 25°C
21.5
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
3
9.1
17.4
TA = –40°C to +85°C
4.1
19
VCC = 1.5 V ± 0.1 V
TA = 25°C
3.2
6.5
11.7
TA = –40°C to +85°C
3.2
12.3
VCC = 1.8 V ± 0.15 V
TA = 25°C
2.7
4.2
9.2
TA = –40°C to +85°C
2.6
9.8
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.2
3.8
6.5
TA = –40°C to +85°C
2.1
6.9
VCC = 3.3 V ± 0.3 V
TA = 25°C
1.9
3.1
5.1
TA = –40°C to +85°C
1.8
5.5
6.11 Switching Characteristics: CL = 30 pF
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
VCC = 0.8 V
TA = 25°C
32
MHz
TA = –40°C to +85°C
20
VCC = 1.2 V ± 0.1 V
TA = 25°C
71
TA = –40°C to +85°C
80
VCC = 1.5 V ± 0.1 V
TA = 25°C
104
TA = –40°C to +85°C
120
VCC = 1.8 V ± 0.15 V
TA = 25°C
133
TA = –40°C to +85°C
160
VCC = 2.5 V ± 0.2 V
TA = 25°C
181
TA = –40°C to +85°C
220
VCC = 3.3 V ± 0.3 V
TA = 25°C
257
TA = –40°C to +85°C
260
tpd
CLK
Q
VCC = 0.8 V
TA = 25°C
28.4
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
5.1
11.8
20.7
TA = –40°C to +85°C
6.2
28.7
VCC = 1.5 V ± 0.1 V
TA = 25°C
4.8
8.5
14.1
TA = –40°C to +85°C
6.9
16.7
VCC = 1.8 V ± 0.15 V
TA = 25°C
4
6.9
11.2
TA = –40°C to +85°C
2
13.3
VCC = 2.5 V ± 0.2 V
TA = 25°C
3.3
5.1
7.9
TA = –40°C to +85°C
3.2
9.3
VCC = 3.3 V ± 0.3 V
TA = 25°C
2.9
4.2
6.4
TA = –40°C to +85°C
2.8
7.5


Similar Part No. - SN74AUP1G80DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G80DCK TI1-SN74AUP1G80DCK Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80DCKR TI-SN74AUP1G80DCKR Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DCKR TI-SN74AUP1G80DCKR Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DCKR TI-SN74AUP1G80DCKR Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DCKR TI1-SN74AUP1G80DCKR Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results

Similar Description - SN74AUP1G80DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com